Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC7WH126 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # XC7WH126
Description  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7WH126 Datasheet(HTML) 1 Page - NXP Semiconductors

  XC7WH126_15 Datasheet HTML 1Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 2Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 3Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 4Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 5Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 6Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 7Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 8Page - NXP Semiconductors XC7WH126_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The XC7WH126 is a high-speed Si-gate CMOS devices. This device provides a dual
non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by the
output enable input (nOE). A LOW at nOE causes the output to assume a high-impedance
OFF-state.
2.
Features and benefits
Symmetrical output impedance
High noise immunity
Low power dissipation
Balanced propagation delays
Multiple package options
ESD protection:
HBM JESD22-A114E: exceeds 2000 V
MM JESD22-A115-A: exceeds 200 V
CDM JESD22-C101C: exceeds 1000 V
Specified from
40 C to +125 C
3.
Ordering information
XC7WH126
Dual buffer/line driver; 3-state
Rev. 2 — 8 May 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
XC7WH126DP
40 C to +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
XC7WH126DC
40 C to +125 C
VSSOP8
plastic very thin shrink small outline package; 8
leads; body width 2.3 mm
SOT765-1
XC7WH126GD
40 C to +125 C
XSON8
plastic extremely thin small outline package; no
leads; 8 terminals; body 3
 2  0.5 mm
SOT996-2


Similar Part No. - XC7WH126_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7WH126DC PHILIPS-XC7WH126DC Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
logo
Nexperia B.V. All right...
XC7WH126DC NEXPERIA-XC7WH126DC Datasheet
212Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 3 - 25 February 2019
logo
NXP Semiconductors
XC7WH126DP PHILIPS-XC7WH126DP Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
logo
Nexperia B.V. All right...
XC7WH126DP NEXPERIA-XC7WH126DP Datasheet
212Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 3 - 25 February 2019
logo
NXP Semiconductors
XC7WH126GD PHILIPS-XC7WH126GD Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
More results

Similar Description - XC7WH126_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com