Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320ADC3101-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101-Q1
Description  Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320ADC3101-Q1 Datasheet HTML 1Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 2Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 3Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 4Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 5Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 6Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 7Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 8Page - Texas Instruments TLV320ADC3101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
TLV320ADC3101-Q1
www.ti.com
SLAS816B – MARCH 2012 – REVISED AUGUST 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD(1)
Analog supply voltage
2.6
3.3
3.6
V
DVDD(1)
Digital core supply voltage
1.65
1.8
1.95
V
IOVDD(1)
Digital I/O supply voltage
1.1
1.8
3.6
V
VI
Analog full-scale 0-dB input voltage (AVDD = 3.3 V)
0.707
Vrms
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
105
°C
(1)
Analog voltage values are with respect to AVSS; digital voltage values are with respect to DVSS.
ELECTRICAL CHARACTERISTICS
TA= –40°C to 105°C, AVDD = 3.3 V, IOVDD = 1.8 V, DVDD = 1.8 V, fS = 48-kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
AUDIO ADC
Input signal level (0-dB)
Single-ended input
0.707
Vrms
Input common-mode voltage
Single-ended input
1.35
Vrms
Signal-to-noise ratio,
fS = 48 kHz, 0-dB PGA gain, IN1 inputs selected
SNR
80
92
dB
A-weighted(1) (2)
and ac-shorted to ground
Dynamic range,
fS = 48 kHz, 1-kHz –60-dB full-scale input
92
dB
A-weighted(1) (2)
applied at IN1 inputs, 0-dB PGA gain
–110
–72
dB
fS = 48 kHz, 1-kHz –2-dB full-scale input applied
THD
Total harmonic distortion
at IN1 inputs, 0-dB PGA gain
0.003%
0.017%
234 Hz, 100 mVPP on AVDD, single-ended input
46
PSRR
Power supply rejection ratio
dB
234 Hz, 100 mVPP on AVDD, differential input
68
ADC channel separation
1 kHz, –2 dB IN1L to IN1R
–73
dB
ADC gain error
1 kHz input, 0-dB PGA gain
0.7
dB
ADC programmable-gain
1-kHz input tone, RSOURCE < 50 Ω
40
dB
amplifier maximum gain
ADC programmable-gain
0.502
dB
amplifier step size
IN1 inputs, routed to single ADC
35
Input mix attenuation = 0 dB
IN2 inputs, input mix attenuation = 0 dB
35
Input resistance
k
IN1 inputs, input mix attenuation = –6 dB
62.5
IN2 inputs, input mix attenuation = –6 dB
62.5
Input capacitance
10
pF
Input level control minimum
0
dB
attenuation setting
Input level control maximum
6
dB
attenuation setting
Input level control attenuation
6
dB
step size
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TLV320ADC3101-Q1


Similar Part No. - TLV320ADC3101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101IRGER TI-TLV320ADC3101IRGER Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101IRGER TI1-TLV320ADC3101IRGER Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
More results

Similar Description - TLV320ADC3101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101 TI-TLV320ADC3101_15 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com