Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA639 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA639
Description  Low voltage mixer FM IF system with filter amplifier and data switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA639 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA639_15 Datasheet HTML 1Page - NXP Semiconductors SA639_15 Datasheet HTML 2Page - NXP Semiconductors SA639_15 Datasheet HTML 3Page - NXP Semiconductors SA639_15 Datasheet HTML 4Page - NXP Semiconductors SA639_15 Datasheet HTML 5Page - NXP Semiconductors SA639_15 Datasheet HTML 6Page - NXP Semiconductors SA639_15 Datasheet HTML 7Page - NXP Semiconductors SA639_15 Datasheet HTML 8Page - NXP Semiconductors SA639_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The SA639 is a low-voltage high performance monolithic FM IF system with high-speed
RSSI incorporating a mixer/oscillator, two wideband limiting intermediate frequency
amplifiers, quadrature detector, logarithmic Received Signal Strength Indicator (RSSI),
fast RSSI op amps, voltage regulator, wideband data output, post detection filter amplifier
and data switch. The SA639 is available in 24-lead TSSOP (Thin Shrink Small Outline
Package).
The SA639 was designed for high-bandwidth portable communication applications and
functions down to 2.7 V. The RF section is similar to the famous NE605. The data output
provides a minimum bandwidth of 1 MHz to demodulate wideband data. The RSSI output
is amplified and has access to the feedback pin. This enables the designer to level adjust
the outputs or add filtering.
The post-detection amplifier may be used to realize a low-pass filter function. A
programmable data switch routes a portion of the data signal to an external integration
circuit that generates a data comparator reference voltage.
SA639 incorporates a Power-down mode which powers down the device when pin 8
(POWER_DOWN_CTRL) is HIGH. Power down logic levels are CMOS and TTL
compatible with high input impedance.
2.
Features and benefits
VCC = 2.7 V to 5.5 V
Low power consumption: 8.6 mA (typical) at 3 V
Wideband data output (1 MHz minimum)
Fast RSSI rise and fall times
Mixer input to >500 MHz
Mixer conversion power gain of 9.2 dB and noise figure of 11 dB at 110 MHz
XTAL oscillator effective to 150 MHz (L.C. oscillator to 1 GHz local oscillator can be
injected)
92 dB of IF amplifier/limiter power gain
25 MHz limiter small signal bandwidth
Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with
a dynamic range in excess of 80 dB
RSSI output internal op amp
Post detection amplifier for filtering
Programmable data switch
SA639
Low voltage mixer FM IF system with filter amplifier and
data switch
Rev. 4 — 10 July 2014
Product data sheet


Similar Part No. - SA639_15

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
NXP Semiconductors
SA639DH PHILIPS-SA639DH Datasheet
226Kb / 16P
   Low voltage mixer FM IF system with filter amplifier and data switch
1998 Feb 10
SA639DH NXP-SA639DH Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH01 NXP-SA639DH01 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH112 NXP-SA639DH112 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
More results

Similar Description - SA639_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA639 PHILIPS-SA639 Datasheet
226Kb / 16P
   Low voltage mixer FM IF system with filter amplifier and data switch
1998 Feb 10
SA639 NXP-SA639 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA676 NXP-SA676 Datasheet
509Kb / 22P
   Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
   Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
   Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
SA608 PHILIPS-SA608 Datasheet
178Kb / 14P
   Low voltage high performance mixer FM IF system
November 3, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com