Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95378BQ5M Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD95378BQ5M
Description  CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95378BQ5M Datasheet(HTML) 5 Page - Texas Instruments

  CSD95378BQ5M_15 Datasheet HTML 1Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 2Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 3Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 4Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95378BQ5M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FB2
VOUT
PG2
PMBUS I/F
SVID1
ISH1
BP5
COMP1
VDD
BP3
PWM1
FB1
COMP1
CS2P
PWM2
CS2N
FB2
COMP2
AGND
PG2
PG1
PMBDATA
PMBCLK
SMBALERT
ADDR0
ADDR1
CNTL1
CNTL2
SYNC
TSNS1
VSNS1
GSNS1
DIFFO1
TSNS2
VSNS2
GSNS2
RT
TPS40428
PHSET
ISH1
ISH2
BP5
FLT2
FLT1
FLT1
High-Speed
AVSBUS
AVSDATA1
AVSCLK1
VIO
5V
12V
CSD95378B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON REFIN
TAO/FAULT
5V
12V
CSD95378B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
CS1P
CS1N
LOAD
CSD95378BQ5M
www.ti.com
SLPS504A – APRIL 2014 – REVISED JULY 2014
7 Application Schematic
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD95378BQ5M


Similar Part No. - CSD95378BQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5M TI1-CSD95378BQ5M_16 Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
More results

Similar Description - CSD95378BQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5M TI1-CSD95378BQ5M_16 Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com