Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL34G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GL34G
Description  0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GL34G Datasheet(HTML) 2 Page - Micro Commercial Components

  GL34G Datasheet HTML 1Page - Micro Commercial Components GL34G Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GL34A thru GL34M
MCC
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0.5
1
10
100
0
2.0
4.0
6.0
8.0
10
1
10
100
1
10
30
0
20
40
60
80
100
0.01
0.1
1
10
FIG. 1 - FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
TJ=100°C
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
www.mccsemi.com


Similar Part No. - GL34G

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34G DCCOM-GL34G Datasheet
340Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Micro Commercial Compon...
GL34G MCC-GL34G Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Formosa MS
GL34G FORMOSA-GL34G Datasheet
66Kb / 2P
   Silicon passivated type
logo
Vishay Siliconix
GL34G VISHAY-GL34G Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
General Semiconductor
GL34G GE-GL34G Datasheet
80Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
More results

Similar Description - GL34G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
   0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
1F10 MCC-1F10 Datasheet
201Kb / 2P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
   0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com