Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ804 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBJ804
Description  8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJ804 Datasheet(HTML) 1 Page - Micro Commercial Components

  GBJ804 Datasheet HTML 1Page - Micro Commercial Components GBJ804 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ8005
THRU
GBJ810
8 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ8005
---
50V
35V
50V
GBJ801
---
100V
70V
100V
GBJ802
---
200V
140V
200V
GBJ804
---
400V
280V
400V
GBJ806
---
600V
420V
600V
GBJ808
---
800V
560V
800V
GBJ810
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
Tc = 110
°C
Peak Forward Surge
Current
IFSM
170A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
55 pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
GBJ
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.170
1.190
29.70
30.30
B
.780
.800
19.70
20.30
C
.670
.710
17.00
18.00
D
.019
.019
4.70
4.90
E
.430
.440
10.80
11.20
G
.120
.130
3.10
3.40
www.mccsemi.com
I
.170
.190
4.40
4.80
J
.100
.110
2.50
2.90
K
.020
.030
0.60
0.80
L
.080
.090
2.00
2.40
M
.040
.040
0.90
1.10
O
.290
.300
7.30
7.70
N
.390
.400
9.80
10.20
H
.130
.150
3.40
3.80
F
.090
.110
2.30
2.70
Typical thermal
resistance
ROJC
1.6
/W
°C
+
A
B
D
E
F
G
H
I
J
K
L
M
O
N
C
O
P
P
.150
.170
3.80
4.20
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
IFM = 4.0A
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - GBJ804

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ804 DIODES-GBJ804 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
logo
Goodwork Semiconductor ...
GBJ804 GWSEMI-GBJ804 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBJ804 HY-GBJ804 Datasheet
366Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ804 SIRECTIFIER-GBJ804 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
Chongqing Pingwei Enter...
GBJ804 CHONGQING-GBJ804 Datasheet
212Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBJ804

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_08 Datasheet
93Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD8KB05 MCC-UD8KB05 Datasheet
339Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA8005 MCC-KBJA8005 Datasheet
501Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBU8A MCC-GBU8A Datasheet
105Kb / 3P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU8A MCC-GBU8A_16 Datasheet
194Kb / 3P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com