Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87351ZQ5D Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD87351ZQ5D
Description  Synchronous Buck NexFET??Power Block
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87351ZQ5D Datasheet(HTML) 2 Page - Texas Instruments

  CSD87351ZQ5D_15 Datasheet HTML 1Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 2Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 3Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 4Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 5Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 6Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 7Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 8Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CSD87351ZQ5D
SLPS426 – DECEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
TA = 25°C (unless otherwise noted)
(1)
Parameter
Conditions
VALUE
UNIT
VIN to PGND
-0.8 to 30
V
Voltage range
TG to TGR
-0.8 to 10
V
BG to PGND
-8 to 10
V
Pulsed Current Rating, IDM
96
A
Power Dissipation, PD
12
W
Sync FET, ID = 87A, L = 0.1mH
378
Avalanche Energy EAS
mJ
Control FET, ID = 44A, L = 0.1mH
87
Operating Junction and Storage Temperature Range, TJ, TSTG
-55 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
TA = 25° (unless otherwise noted)
Parameter
Conditions
MIN
MAX
UNIT
Gate Drive Voltage, VGS
4.5
8
V
Input Supply Voltage, VIN
27
V
Switching Frequency, fSW
CBST = 0.1μF (min)
200
1500
kHz
Operating Current
32
A
Operating Temperature, TJ
125
°C
POWER BLOCK PERFORMANCE
TA = 25° (unless otherwise noted)
Parameter
Conditions
MIN
TYP
MAX
UNIT
VIN = 12V, VGS = 5V,
VOUT = 1.3V, IOUT = 20A,
Power Loss, PLOSS
(1)
2.5
W
fSW = 500kHz,
LOUT = 0.3µH, TJ = 25ºC
TG to TGR = 0V
VIN Quiescent Current, IQVIN
10
µA
BG to PGND = 0V
(1)
Measurement made with six 10µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5V driver IC.
THERMAL INFORMATION
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction to ambient thermal resistance (Min Cu) (1)(2)
119
RθJA
Junction to ambient thermal resistance (Max Cu) (1)(2)
62
°C/W
Junction to case thermal resistance (Top of package) (2)
25
RθJC
Junction to case thermal resistance (PGND Pin)
(2)
2.3
(1)
Device mounted on FR4 material with 1-inch2 (6.45-cm2) Cu.
(2)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2 oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - CSD87351ZQ5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87351ZQ5D TI-CSD87351ZQ5D Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET Power Block
More results

Similar Description - CSD87351ZQ5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com