Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87351Q5D Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD87351Q5D
Description  Synchronous Buck NexFET??Power Block
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87351Q5D Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD87351Q5D_15 Datasheet HTML 2Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 3Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 4Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 5Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 6Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 7Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 8Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 9Page - Texas Instruments CSD87351Q5D_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
10
20
30
40
50
60
70
80
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
0
10
20
30
40
50
60
70
80
0
0.05
0.1
0.15
0.2
0.25
0.3
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
0.001
0.01
0.1
1
10
100
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
Qg - Gate Charge - nC (nC)
ID = 20A
VDD = 15V
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
Qg - Gate Charge - nC (nC)
ID = 20A
VDD = 15V
CSD87351Q5D
SLPS287D
– MARCH 2011 – REVISED JANUARY 2012
www.ti.com
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Control MOSFET Saturation
Figure 11. Sync MOSFET Saturation
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 12. Control MOSFET Transfer
Figure 13. Sync MOSFET Transfer
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 14. Control MOSFET Gate Charge
Figure 15. Sync MOSFET Gate Charge
6
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated


Similar Part No. - CSD87351Q5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87351Q5D TI-CSD87351Q5D Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87351Q5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com