Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY68 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY68
Description  75 MHz, 30 dB gain reverse amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY68 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY68_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY68_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Apr 14
2001 Oct 18
DISCRETE SEMICONDUCTORS
BGY68
75 MHz, 30 dB gain reverse
amplifier
book, halfpage
M3D252


Similar Part No. - BGY68_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY681 PHILIPS-BGY681 Datasheet
19Kb / 5P
   CATV amplifier module
February 1995
BGY683 PHILIPS-BGY683 Datasheet
19Kb / 5P
   CATV amplifier module
February 1995
BGY685 PHILIPS-BGY685 Datasheet
50Kb / 8P
   CATV amplifier module
1997 Apr 14
BGY685A PHILIPS-BGY685A Datasheet
64Kb / 8P
   CATV amplifier module
1998 Mar 16
BGY685A NXP-BGY685A Datasheet
289Kb / 9P
   600 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 22
More results

Similar Description - BGY68_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY68 NXP-BGY68_01 Datasheet
54Kb / 8P
   75 MHz, 30 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY68_2015 JMNIC-BGY68_2015 Datasheet
54Kb / 8P
   75 MHz, 30 dB gain reverse amplifier
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
Quanzhou Jinmei Electro...
BGY66B_2015 JMNIC-BGY66B_2015 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
logo
NXP Semiconductors
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY66B JMNIC-BGY66B_15 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
logo
NXP Semiconductors
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
   65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
logo
Quanzhou Jinmei Electro...
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
logo
NXP Semiconductors
BGY66B NXP-BGY66B_01 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
2001 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com