Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA636 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA636_15 Datasheet HTML 2Page - NXP Semiconductors SA636_15 Datasheet HTML 3Page - NXP Semiconductors SA636_15 Datasheet HTML 4Page - NXP Semiconductors SA636_15 Datasheet HTML 5Page - NXP Semiconductors SA636_15 Datasheet HTML 6Page - NXP Semiconductors SA636_15 Datasheet HTML 7Page - NXP Semiconductors SA636_15 Datasheet HTML 8Page - NXP Semiconductors SA636_15 Datasheet HTML 9Page - NXP Semiconductors SA636_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 5 December 2012
6 of 31
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
7.
Functional description
The SA636 is an IF signal processing system suitable for second IF or single conversion
systems with input frequency as high as 1 GHz. The bandwidth of the IF amplifier is about
40 MHz with 38 dB of gain from a 50
 source. The bandwidth of the limiter is about
28 MHz with about 54 dB of gain from a 50
 source. However, the gain/bandwidth
distribution is optimized for 10.7 MHz, 330
 source applications. The overall system is
well-suited to battery operation as well as high performance and high-quality products of
all types such as cordless and cellular hand-held phones.
The input stage is a Gilbert cell mixer with oscillator. Typical mixer characteristics include
a noise figure of 14 dB, conversion gain of 11 dB, and input third-order intercept of
16 dBm. The oscillator will operate in excess of 1 GHz in L/C tank configurations. Hartley
or Colpitts circuits can be used up to 100 MHz for crystal configurations. Butler oscillators
are recommended for crystal configurations up to 150 MHz.
The output of the mixer is internally loaded with a 330
 resistor permitting direct
connection to a 10.7 MHz ceramic filter for narrowband applications. The input resistance
of the limiting IF amplifiers is also 330
. With most 10.7 MHz ceramic filters and many
crystal filters, no impedance matching network is necessary. For applications requiring
wideband IF filtering, such as DECT, external LC filters are used (see Figure 15).
To achieve optimum linearity of the log signal strength indicator, there must be a 6 dBV
insertion loss between the first and second IF stages. If the IF filter or interstage network
does not cause 6 dBV insertion loss, a fixed or variable resistor can be added between
the first IF output (IF_AMP_OUT) and the interstage network.
The signal from the second limiting amplifier goes to a Gilbert cell quadrature detector.
One port of the Gilbert cell is internally driven by the IF. The other output of the IF is
AC-coupled to a tuned quadrature network. This signal, which now has a 90
 phase
relationship to the internal signal, drives the other port of the multiplier cell.
Overall, the IF section has a gain of 90 dB for operation at intermediate frequency at
10.7 MHz. Special care must be given to layout, termination, and interstage loss to avoid
instability.
The demodulated output (DATA_OUT) of the quadrature is a voltage output. This output is
designed to handle a minimum bandwidth of 600 kHz. This is designed to demodulate
wideband data, such as in DECT applications.
A Received Signal Strength Indicator (RSSI) completes the circuitry. The output range is
greater than 90 dB and is temperature compensated. This log signal strength indicator
exceeds the criteria for AMPS or TACS cellular telephone, DECT and RCR-28 cordless
telephone. This signal drives an internal op amp. The op amp is capable of rail-to-rail
output. It can be used for gain, filtering, or second-order temperature compensation of the
RSSI, if needed.
Remark: dBV = 20log VO/VI.


Similar Part No. - SA636_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636BS NXP-SA636BS Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK PHILIPS-SA636DK Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA636DK NXP-SA636DK Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK01 NXP-SA636DK01 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK02 NXP-SA636DK02 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
More results

Similar Description - SA636_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com