Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA636 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA636_15 Datasheet HTML 1Page - NXP Semiconductors SA636_15 Datasheet HTML 2Page - NXP Semiconductors SA636_15 Datasheet HTML 3Page - NXP Semiconductors SA636_15 Datasheet HTML 4Page - NXP Semiconductors SA636_15 Datasheet HTML 5Page - NXP Semiconductors SA636_15 Datasheet HTML 6Page - NXP Semiconductors SA636_15 Datasheet HTML 7Page - NXP Semiconductors SA636_15 Datasheet HTML 8Page - NXP Semiconductors SA636_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 5 December 2012
5 of 31
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
6.2 Pin description
[1]
For the HVQFN20 package, the exposed die attach paddle must be connected to device ground pin 13 and
the PCB ground plane. GND pin must be connected to supply ground for proper device operation. For
enhanced thermal, electrical, and board level performance, the exposed pad needs to be soldered to the
board using a corresponding thermal pad on the board and for proper heat conduction through the board,
thermal vias need to be incorporated in the printed-circuit board in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Description
SSOP20
HVQFN20
RF_IN
1
19
RF input
RF_IN_DECOUPL
2
20
RF input decoupling pin
OSC_OUT
3
1
oscillator output (emitter)
OSC_IN
4
2
oscillator input (base)
VCC
5
3
positive supply voltage
RSSI_FEEDBACK
6
4
RSSI amplifier negative feedback terminal
RSSI_OUT
7
5
RSSI output
POWER_DOWN_CTRL
8
6
power-down control; active HIGH
DATA_OUT
9
7
data output
QUADRATURE_IN
10
8
quadrature detector input terminal
LIMITER_OUT
11
9
limiter amplifier output
LIMITER_DECOUPL
12
10
limiter amplifier decoupling pin
LIMITER_DECOUPL
13
11
limiter amplifier decoupling pin
LIMITER_IN
14
12
limiter amplifier input
GND
15
13[1]
ground; negative supply
IF_AMP_OUT
16
14
IF amplifier output
IF_AMP_DECOUPL
17
15
IF amplifier decoupling pin
IF_AMP_IN
18
16
IF amplifier input
IF_AMP_DECOUPL
19
17
IF amplifier decoupling pin
MIXER_OUT
20
18
mixer output
-
-
DAP
exposed die attach paddle; connect to ground


Similar Part No. - SA636_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636BS NXP-SA636BS Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK PHILIPS-SA636DK Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA636DK NXP-SA636DK Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK01 NXP-SA636DK01 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636DK02 NXP-SA636DK02 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
More results

Similar Description - SA636_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com