Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6502UKN040 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6502UKN040
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6502UKN040 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6502UKN040 Datasheet HTML 1Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 2Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 3Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 4Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 5Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 6Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 7Page - Maxim Integrated Products MAX6502UKN040 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
4
_______________________________________________________________________________________
Pin Description
1, 2
1, 2
Ground. Not internally connected. Tie both ground pins togeth-
er close to the chip. Pin 2 provides the lowest thermal resis-
tance to the die.
1, 2
PIN
1, 2
GND
3
3
Hysteresis Input. Connect HYST to GND for +2°C hysteresis, or
connect to VCC for +10°C hysteresis.
3
3
HYST
4
4
Supply Input (+2.7V to +5.5V)
5
Open-Drain, Active-Low Output. TOVER goes low when the die
temperature exceeds the factory-programmed temperature
threshold. Connect to a 100k
Ω pull-up resistor. May be pulled
up to a voltage higher than VCC.
TOVER
4
4
VCC
5
Push-Pull Active-High Output. TOVER goes high when the die tem-
perature exceeds the factory-programmed temperature threshold.
Open-Drain, Active-Low Output. TUNDER goes low when the
die temperature goes below the factory-programmed tempera-
ture threshold. Connect to a 100k
Ω pull-up resistor. May be
pulled up to a voltage higher than VCC.
5
TUNDER
Push-Pull Active-High Output. TUNDER goes high when the die tem-
perature falls below the factory-programmed temperature threshold.
5
TUNDER
TOVER
MAX6502
MAX6501
MAX6503
MAX6504
NAME
FUNCTION
________________General Description
The MAX6501–MAX6504 fully integrated temperature
switches incorporate two temperature-dependent refer-
ences and a comparator. One reference exhibits a pos-
itive temperature coefficient and the other a negative
temperature coefficient (Figure 1). The temperature at
which the two reference voltages are equal determines
the temperature trip point. Pin-selectable +2°C or
+10°C hysteresis keeps the output from oscillating
when the die temperature approaches the threshold
temperature. The MAX6501/MAX6503 have an active-
low, open-drain output structure that can only sink cur-
rent. The MAX6502/MAX6504 have an active-high,
push-pull output structure that can sink or source cur-
rent. The internal power-on reset circuit guarantees the
output is at TTH = +25°C state at start-up for 50µs.
The MAX6501–MAX6504 are available with factory-
preset temperature thresholds from -45°C to +115°C in
10°C increments. Table 1 lists the available temperature
threshold ranges. The MAX6501/MAX6503 outputs are
intended to interface with a microprocessor (µP) reset
input (Figure 2). The MAX6502/MAX6504 outputs are
intended for applications such as driving a fan control
(Figure 3).
Hysteresis Input
The HYST pin is a CMOS-compatible input that selects
hysteresis at either a high level (+10°C for HYST = VCC)
or a low level (+2°C for HYST = GND). Hysteresis pre-
vents the output from oscillating when the temperature
approaches the trip point. The HYST pin should not
float. Drive HYST close to ground or VCC. Other input
voltages cause increased supply current. The actual
amount of hysteresis depends on the part’s pro-
grammed trip threshold. (See the Typical Operating
Characteristics graphs.)
Table 1. Factory-Programmed Threshold
Range
+35°C < TTH < +115°C
+35°C < TTH < +115°C
THRESHOLD (TTH) RANGE
-45°C < TTH < +15°C
-45°C < TTH < +15°C
MAX6503
MAX6504
MAX6501
MAX6502
PART


Similar Part No. - MAX6502UKN040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX6502UKP045-T ONSEMI-MAX6502UKP045-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP055-T ONSEMI-MAX6502UKP055-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP065-T ONSEMI-MAX6502UKP065-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP075-T ONSEMI-MAX6502UKP075-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
MAX6502UKP085-T ONSEMI-MAX6502UKP085-T Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
More results

Similar Description - MAX6502UKN040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com