Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD714 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD714
Description  750 MHz, 20.3 dB gain power doubler amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD714 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD714_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD714_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001 Nov 02
6
Philips Semiconductors
Product specification
750 MHz, 20.3 dB gain power doubler amplifier
BGD714
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
4.15
3.85
2.4
38.1 25.4 10.2
4.2 44.75
8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
y M B
y M B
B
99-02-06
y M B


Similar Part No. - BGD714_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD714_2015 JMNIC-BGD714_2015 Datasheet
64Kb / 8P
   750 MHz, 20.3 dB gain power doubler amplifier
More results

Similar Description - BGD714_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD714_2015 JMNIC-BGD714_2015 Datasheet
64Kb / 8P
   750 MHz, 20.3 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD704 JMNIC-BGD704_15 Datasheet
65Kb / 12P
   750 MHz, 20 dB gain power doubler amplifier
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD704_2015 JMNIC-BGD704_2015 Datasheet
65Kb / 12P
   750 MHz, 20 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com