Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD702 Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD702
Description  750 MHz, 18.5 dB gain power doubler amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD702 Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BGD702_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2001 Nov 27
11
Philips Semiconductors
Product specification
750 MHz, 18.5 dB gain power doubler amplifier
BGD702
NOTES


Similar Part No. - BGD702_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
logo
Quanzhou Jinmei Electro...
BGD702D JMNIC-BGD702D_15 Datasheet
57Kb / 8P
   CATV amplifier module
BGD702D_2015 JMNIC-BGD702D_2015 Datasheet
57Kb / 8P
   CATV amplifier module
logo
NXP Semiconductors
BGD702MI PHILIPS-BGD702MI Datasheet
64Kb / 12P
   CATV amplifier modules
2001 Nov 27
BGD702MI PHILIPS-BGD702MI Datasheet
60Kb / 12P
   CATV amplifier module
1998 Mar 13
More results

Similar Description - BGD702_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com