Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD702 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD702
Description  750 MHz, 18.5 dB gain power doubler amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD702 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD702_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD702_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2001 Nov 02
2001 Nov 27
DISCRETE SEMICONDUCTORS
BGD702
750 MHz, 18.5 dB gain
power doubler amplifier
book, halfpage
M3D252


Similar Part No. - BGD702_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
logo
Quanzhou Jinmei Electro...
BGD702D JMNIC-BGD702D_15 Datasheet
57Kb / 8P
   CATV amplifier module
BGD702D_2015 JMNIC-BGD702D_2015 Datasheet
57Kb / 8P
   CATV amplifier module
logo
NXP Semiconductors
BGD702MI PHILIPS-BGD702MI Datasheet
64Kb / 12P
   CATV amplifier modules
2001 Nov 27
BGD702MI PHILIPS-BGD702MI Datasheet
60Kb / 12P
   CATV amplifier module
1998 Mar 13
More results

Similar Description - BGD702_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD712C NXP-BGD712C Datasheet
47Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 02-16 August 2007
logo
Quanzhou Jinmei Electro...
BGD712 JMNIC-BGD712_15 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C JMNIC-BGD712C_15 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
BGD712C_2015 JMNIC-BGD712C_2015 Datasheet
54Kb / 7P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
59Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 27
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com