Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFS540 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS540
Description  NPN 9 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS540 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFS540_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 May 30
7
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS540
handbook, full pagewidth
MRC079
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
stability
circle
pot. unst.
region
ΓOPT
Fmin = 1. 3 dB
F = 3 dB
F = 2 dB
F = 1.5 dB
Fig.12 Noise circle.
IC = 10 mA; VCE =8V;
f = 900 MHz; Zo =50 Ω.
handbook, full pagewidth
MRC080
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
F = 4 dB
Gmax = 8.7 dB
ΓMS
G = 8 dB
G = 7 dB
G = 6 dB
ΓOPT
Fmin = 2. 1 dB
F = 2.5 dB
F = 3 dB
Fig.13 Noise circle.
IC = 10 mA; VCE =8V;
f = 2 GHz; Zo =50 Ω.


Similar Part No. - BFS540_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFS540_2015 JMNIC-BFS540_2015 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
More results

Similar Description - BFS540_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com