Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXM-433-LC-S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXM-433-LC-S
Description  LC SERIES RECEIVER MODULE DATA GUIDE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM-433-LC-S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXM-433-LC-S Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 6Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 7Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 8Page - List of Unclassifed Manufacturers RXM-433-LC-S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 9
Page 8
POWER SUPPLY REQUIREMENTS
The receiver module requires a clean, well-regulated
power source. While it is preferable to power the unit from
a battery, the unit can also be operated from a power
supply as long as noise and ‘hash’ is less than 20 mV. A
10 resistor in series with the supply followed by a 10µF
tantalum capacitor from V
CC to ground will help in cases
where the quality of supply power is poor. Please note that
operation from 4.7 to 5.2 volts requires the use of an
external 200 resistor placed in series with V
CC.
THE DATA OUTPUT
A CMOS-compatible data output is available on pin 8. This output is normally used to
drive directly a digital decoder IC or a microprocessor that is performing the data
decoding. The receiver’s output is internally qualified, meaning that it will only
transition when valid data is present. In instances where no carrier is present the
output will remain low. Since a UART utilizes high marking to indicate the absence of
data, a designer using a UART may wish to insert a logic inverter between the data
output of the RXM-LC-S and the UART.
It is important to realize that the data output of the receiver may be subject to some
pulse stretching or shortening. This is caused by a combination of oscillator start-up
time on the transmitter and ring-down time in the receiver’s ceramic filter. It is
important to consider this effect when planning protocol. To learn more about protocol
considerations for the LC series we suggest you read Linx applications note #00232.
RECEIVING DATA
Once a reliable RF link has been established, the challenge becomes how to
effectively transfer data across it. While a properly designed RF link provides
reliable data transfer under most conditions, there are still distinct differences from
a wired link that must be addressed. Since the RXM-LC-S modules do not
incorporate internal encoding/decoding, a user has tremendous flexibility in how data
is handled.
It is always important to separate what type of transmissions are technically
possible from those that are legally allowable in the country of intended operation.
You may wish to review application notes #00125 and #00140 along with Part 15
Sec. 231 for further details on acceptable transmission content.
Another area of consideration is that of data structure or protocol. If unfamiliar with
the considerations for sending serial data in a wireless environment, you will want
to review Linx application note #00232 (Considerations for sending data with the LC
series). These issues should be clearly understood prior to commencing a
significant design effort.
If you want to transfer simple control or status signals such as button presses or
switch closures, and your product does not have a microprocessor on board your
product or you wish to avoid protocol development, consider using an encoder and
decoder IC set. These chips are available from a wide range of manufacturers
including: Microchip (Keeloq), Holtek (available directly from Linx), and Motorola.
These chips take care of all encoding, error checking, and decoding functions and
generally provide a number of data pins to which switches can be directly
connected. In addition, address bits are usually provided for security and to allow
the addressing of multiple receivers independently. These IC’s are an excellent way
to bring basic Remote Control/Status products quickly and inexpensively to market.
Additionally, it is a simple task to interface with inexpensive microprocessors such
as the Microchip PIC or one of many IR, remote control, DTMF, and modem IC’s.
Figure 15: Supply Filter
10R
Band Select
Filter
pre-
amplifier
AM Detector
SAW Local Oscillator
Gilbert Cell
Mixer/Amp
Limiting Amp
Data Slicer
DATA
50
Ω RF IN
(Ant.)
10.7 Mhz
Bandpass Filter
10.7 Mhz
Ceramic Filter
Figure 13: LC Series Receiver Block Diagram
MODULE DESCRIPTION
The RXM-LC-S is a low-cost, high-performance Surface Acoustic Wave (SAW)
based Carrier-Present Carrier-Absent (CPCA) receiver, capable of receiving
serial data at up to 5,000 bits/second. Its exceptional sensitivity provides
outstanding range at the maximum data rate. While oriented toward high-volume
automated production, the LC-S’s compact surface-mount package is also
friendly to prototype and hand production. When combined with a Linx LC series
transmitter, a highly reliable RF link capable of transferring digital data over line-
of-sight distances in excess of 300 feet (90m) is formed.
THEORY OF OPERATION
The RXM-LC-S is designed to recover
data sent by a CPCA transmitter. This
type of AM modulation is often referred
to by other designations including CW
and OOK. As the CPCA designation
suggests, this type of modulation
represents a logic low ‘0’ by the
absence of a carrier and a logic high ‘1’
by the presence of a carrier. This
modulation method affords numerous
benefits. Two most important are: 1) Cost-effectiveness due to design simplicity
and 2) Higher output power and thus greater range in countries (such as the US)
which average output power measurements over time. Please refer to Linx
application note #00130 for a further discussion of modulation techniques
including CPCA.
The LC series utilizes an advanced single-conversion superhet design which
incorporates a SAW device, high IF frequency and multi-layer ceramic filters.
The SAW device has been in use for more than a decade but has only recently
begun to receive the widespread acclaim its outstanding capabilities deserve. A
SAW device provides a highly accurate frequency source with excellent
immunity to frequency shift due to age or temperature. The use of SAW devices
in both the LC transmitter and receiver modules allows the receiver’s pass
opening to be quite narrow, thus increasing sensitivity and
reducing
susceptibility to near-band interference. The quality of components and overall
architecture utilized in the LC series is unusual in a low-cost product and is one
of the primary reasons the LC receivers are able to outperform even far more
expensive products.
Data
Data
Carrier
Carrier
Figure 14: CPCA (AM) Modulation


Similar Part No. - RXM-433-LC-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-433-LC-S ETC2-RXM-433-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
RXM-433-LC-S ETC2-RXM-433-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
More results

Similar Description - RXM-433-LC-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
logo
List of Unclassifed Man...
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-GPS-SR LINX-RXM-GPS-SR Datasheet
563Kb / 15P
   SR SERIES GPS RECEIVER MODULE DATA GUIDE
11/22/10
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
   SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com