Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXM-315-LR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXM-315-LR
Description  LR SERIES RECEIVER MODULE DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM-315-LR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXM-315-LR Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 6Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 7Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 8Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 9
Page 8
TYPICAL APPLICATIONS
Figure 12 shows a circuit using the Linx LICAL-DEC-MS001 decoder. This chip
works with the LICAL-ENC-MS001 encoder to provide simple remote control
capabilities. The decoder will detect the transmission from the encoder, check for
errors, and if everything is correct, the encoder’s inputs will be replicated on the
decoder’s outputs. This makes sending key presses very easy.
Figure 13 shows a typical RS-232 circuit using the LR receiver and a Maxim
MAX232 chip. The LR will output a serial data stream and the MAX232 will
convert that to RS-232 compliant signals.
Figure 14 shows an example of combining the LR Series receiver with a Linx
SDM-USB-QS-S USB module. The LR will output a serial data stream and the
USB module will convert that to low-speed USB compliant signals.
GND
GND
VCC
NC
1
NC
2
NC
3
GND
4
VCC
5
PDN
6
RSSI
7
DATA
8
NC
9
NC
10
NC
11
NC
12
NC
13
NC
14
GND
15
ANT
16
RXM-LR
220
100k
D6
D7
SEL_BAUD0
SEL_BAUD1
GND
GND
LATCH
RX_CNTL
TX_ID
MODE_IND
D5
D4
D3
D2
VCC
VCC
D1
D0
DATA_IN
LEARN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
LICAL-DEC-MS001
VCC
GND
GND
VCC
2.2k
10k
VCC
RELAY
SWITCHED OUTPUT
Figure 13: LR Receiver and MAX232 IC
C3
C4
C5
C1
C2
4.7uF
4.7uF
4.7uF
MAX232
4.7uF
DB-9
4.7uF
C1+
V+
C1-
C2+
V-
T2OUT
R2IN
GND
VCC
VCC
GND
GND
VCC
GND
GND
1
2
4
5
7
8
15
16
1
6
2
3
8
9
5
+
+
+
NC
NC
NC
NC
NC
NC
NC
NC
RSSI
C
DATA
ANT
GND
2
8
9
10
11
12
13
14
15
16
GND
VCC
RXM-XXX-LR-S
Figure 14: LR Receiver and Linx USB Module
NC
NC
NC
NC
NC
NC
NC
C
DATA
ANT
GND
1
2
9
10
11
12
13
14
15
16
GND
VCC
USBDP
USBDM
GND
DTR
TX_IND
VCC
SUSP_IND
RX_IND
485_TX
RI
1
2
3
4
5
6
7
8
15
16
USB-B
5V
DAT -
DAT+
GND
GND
GND
4
GND
SDM-USB-QS-S
RXM-XXX-LR-S
Figure 12: LR Receiver and MS Decoder
PROTOCOL GUIDELINES
While many RF solutions impose data formatting and balancing requirements,
Linx RF modules do not encode or packetize the signal content in any manner.
The received signal will be affected by such factors as noise, edge jitter, and
interference, but it is not purposefully manipulated or altered by the modules.
This gives the designer tremendous flexibility for protocol design and interface.
Despite this transparency and ease of use, it must be recognized that there are
distinct differences between a wired and a wireless environment. Issues such as
interference and contention must be understood and allowed for in the design
process. To learn more about protocol considerations, we suggest you read Linx
Application Note AN-00160.
Errors from interference or changing signal conditions can cause corruption of
the data packet, so it is generally wise to structure the data being sent into small
packets. This allows errors to be managed without affecting large amounts of
data. A simple checksum or CRC could be used for basic error detection. Once
an error is detected, the protocol designer may wish to simply discard the corrupt
data or implement a more sophisticated scheme to correct it.
INTERFERENCE CONSIDERATIONS
The RF spectrum is crowded and the potential for conflict with other unwanted
sources of RF is very real. While all RF products are at risk from interference, its
effects can be minimized by better understanding its characteristics.
Interference may come from internal or external sources. The first step is to
eliminate interference from noise sources on the board. This means paying
careful attention to layout, grounding, filtering, and bypassing in order to
eliminate all radiated and conducted interference paths. For many products, this
is straightforward; however, products containing components such as switching
power supplies, motors, crystals, and other potential sources of noise must be
approached with care. Comparing your own design with a Linx evaluation board
can help to determine if and at what level design-specific interference is present.
External interference can manifest itself in a variety of ways. Low-level
interference will produce noise and hashing on the output and reduce the link’s
overall range.
High-level interference is caused by nearby products sharing the same
frequency or from near-band high-power devices. It can even come from your
own products if more than one transmitter is active in the same area. It is
important to remember that only one transmitter at a time can occupy a
frequency, regardless of the coding of the transmitted signal. This type of
interference is less common than those mentioned previously, but in severe
cases it can prevent all useful function of the affected device.
Although technically it is not interference, multipath is also a factor to be
understood. Multipath is a term used to refer to the signal cancellation effects
that occur when RF waves arrive at the receiver in different phase relationships.
This effect is a particularly significant factor in interior environments where
objects provide many different signal reflection paths. Multipath cancellation
results in lowered signal levels at the receiver and, thus, shorter useful distances
for the link.


Similar Part No. - RXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
RXM-315-LR ETC2-RXM-315-LR Datasheet
467Kb / 11P
   LR SERIES RECEIVER MODULE DATA
logo
Linx Technologies
RXM-315-LR LINX-RXM-315-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
RXM-315-LR LINX-RXM-315-LR Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR_1 Datasheet
467Kb / 11P
   LR SERIES RECEIVER MODULE DATA
More results

Similar Description - RXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR_1 Datasheet
467Kb / 11P
   LR SERIES RECEIVER MODULE DATA
TXM-315-LR ETC2-TXM-315-LR Datasheet
505Kb / 11P
   LR SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
logo
List of Unclassifed Man...
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-GPS-SR LINX-RXM-GPS-SR Datasheet
563Kb / 15P
   SR SERIES GPS RECEIVER MODULE DATA GUIDE
11/22/10
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
   SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
logo
List of Unclassifed Man...
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com