Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXD-418-KH2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXD-418-KH2
Description  KH2 SERIES RECEIVER / DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXD-418-KH2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXD-418-KH2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXD-418-KH2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 9
Page 8
TYPICAL APPLICATIONS
The figure below shows an example of a basic remote control receiver utilizing
the KH2 Series receiver module. When a key is pressed on the transmitter, a
corresponding line on the receiver goes high. A schematic for the transmitter /
encoder circuit may be found in the KH Series Transmitter Data Guide. These
circuits are implemented in the KH Series Basic Evaluation Kit. They can be
easily modified for a custom application and clearly demonstrate the ease of
using the Linx KH Series modules for remote control applications.
The ten-position DIP switch is used to set the address to either ground or
floating. Since the floating state is a valid state, no pull-up resistors are needed.
The data line outputs can only source about 1mA of current, so transistor buffers
are used to drive the buzzer and LED. 1mA is sufficient to activate most
microcontrollers, but the manufacturer’s data guides should be consulted to
make sure.
The KH2 Series receiver / decoder module is also suitable for use with Linx OEM
handheld transmitters. These transmitters are FCC certified, making product
introduction extremely quick. Information on these transmitters can be found on
the Linx website at www.linxtechnologies.com.
Q1
2N2222
R2
2.2k
R4
10k
BZ1
BUZZER
VCC
Q2
2N2222
R3
2.2k
R5
10k
LED1
RED LED
R6
220 OHM
VCC
B1
CR2032 3V LITHIUM
VCC
S4
NC
1
D0
2
D1
3
GND
4
VCC
5
PDN
6
D2
7
D3
8
D4
9
DATA
10
VT
11
D5
12
D6
13
D7
14
A0
15
A1
16
A2
17
A3
18
A4
19
A5
20
A6
21
A7
22
A8
23
A9
24
RSSI
25
NC
26
GND
27
ANT
28
RXD-XXX-KH2
1
2
3
20
19
18
4
5
6
17
16
15
7
8
9
14
13
12
10
11
S1
SW-DIP-10
GND
ANT1
GND
GND
VCC
GND
GND
GND
Figure 12: Basic Remote Control Receiver
Figure 13: Linx OEM Transmitters
Figure 14: Linx OEM Keyfobs
USING THE RSSI PIN
The receiver’s Received Signal Strength Indicator (RSSI) line serves a variety of
functions. This line has a dynamic range of 80dB (typical) and outputs a voltage
proportional to the incoming signal strength. It should be noted that the RSSI
levels and dynamic range will vary slightly from part to part. It is also important
to remember that RSSI output indicates the strength of any in-band RF energy
and not necessarily just that from the intended transmitter; therefore, it should be
used only to qualify the level and presence of a signal.
The RSSI output can be utilized during testing or even as a product feature to
assess interference and channel quality by looking at the RSSI level with all
intended transmitters shut off. The RSSI output can also be used in direction-
finding applications, although there are many potential perils to consider in such
systems. Finally, it can be used to save system power by “waking up” external
circuitry when a transmission is received or crosses a certain threshold. The
RSSI output feature adds tremendous versatility for the creative designer.
INTERFERENCE CONSIDERATIONS
The RF spectrum is crowded and the potential for conflict with other unwanted
sources of RF is very real. While all RF products are at risk from interference, its
effects can be minimized by better understanding its characteristics.
Interference may come from internal or external sources. The first step is to
eliminate interference from noise sources on the board. This means paying
careful attention to layout, grounding, filtering, and bypassing in order to
eliminate all radiated and conducted interference paths. For many products, this
is straightforward; however, products containing components such as switching
power supplies, motors, crystals, and other potential sources of noise must be
approached with care. Comparing your own design with a Linx evaluation board
can help to determine if and at what level design-specific interference is present.
External interference can manifest itself in a variety of ways. Low-level
interference will produce noise and hashing on the output and reduce the link’s
overall range.
High-level interference is caused by nearby products sharing the same
frequency or from near-band high-power devices. It can even come from your
own products if more than one transmitter is active in the same area. It is
important to remember that only one transmitter at a time can occupy a
frequency, regardless of the coding of the transmitted signal. This type of
interference is less common than those mentioned previously, but in severe
cases it can prevent all useful function of the affected device.
Although technically it is not interference, multipath is also a factor to be
understood. Multipath is a term used to refer to the signal cancellation effects
that occur when RF waves arrive at the receiver in different phase relationships.
This effect is a particularly significant factor in interior environments where
objects provide many different signal reflection paths. Multipath cancellation
results in lowered signal levels at the receiver and, thus, shorter useful distances
for the link.


Similar Part No. - RXD-418-KH2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXD-418-KH2 ETC2-RXD-418-KH2 Datasheet
445Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER
RXD-418-KH2 ETC2-RXD-418-KH2 Datasheet
453Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA
logo
Linx Technologies
RXD-418-KH2 LINX-RXD-418-KH2 Datasheet
592Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
More results

Similar Description - RXD-418-KH2

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
   KH SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
   KH SERIES RECEIVER/DECODER DATA GUIDE
2005
logo
List of Unclassifed Man...
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
logo
List of Unclassifed Man...
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
   HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
   KH SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
   LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
   LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com