Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCTN-RLY4-315 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FCTN-RLY4-315
Description  4-POSITION RELAY FUNCTION MODULE DATA GUIDE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCTN-RLY4-315 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FCTN-RLY4-315 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 9
Page 8
TRANSMITTERS
The Relay Function Module incorporates a Linx LR Series receiver paired with a
Holtek HT658 decoder IC. This means that there are several options available
for controlling the module.
The first option is to use one of the
pre-certified OEM transmitters offered
by Linx. These transmitters come in
several
packages
and
can
be
customized to bear the logo or other
artwork required by the customer. The
only setup required by the customer is
to set the address of the transmitter
and the Relay Module.
There are four OEM transmitters that
can be used with the Relay Function
Module: the Full Size Handheld, the
Compact Handheld, the Long-Range Handheld, and the Keyfob. The Full Size
Handheld uses the same eight address lines used by the Relay Function
Module, so they only need to be set the same for proper function.
The other three transmitters use all ten address lines offered by the Holtek ICs
while the Relay Function Module uses eight. This means that the last two
address lines on the transmitters (A8 and A9) must be left floating (turn off the
DIP switches on the handhelds, cut traces 8 and 9 on the Keyfob). The other
address lines can be set to whatever the user desires, as long as the transmitter
and the Relay Function Module match.
A custom transmitter can also be created with a KH Series transmitter or an LC
or LR Series transmitter paired with a Holtek HT640 encoder or microprocessor.
Because the Holtek ICs have 10 address lines, the last two lines (A8 and A9)
must be left open. The Holtek address lines are tri-state, meaning that they have
three valid input conditions: high, low, or floating. The Relay Function Module
uses only the low and floating states, so the custom transmitter can only use
these states as well. The lines that are floating should be left open and have no
electrical connection.
It should be noted that the Keyfob
transmitter
does
not
allow
full
functionality of the Relay Function
Module. Each of the four relays in
the module uses two data lines for a
total of eight. The Keyfob transmitter
offers a maximum of five buttons, so
at most, it can control two relays in
latched operation and three in
momentary operation.
Application
Note
AN-00300
describes in detail how to set the
Relay Function Module address to
match any of the transmitters offered by Linx. This note can be found in the
Support section of the Linx web site, www.linxtechnologies.com.
Figure 7: Pre-Certified Transmitters
RE3
OFF
RE4
OFF
RE4
ON
RE3
ON
RE2
ON
Figure 8: Keyfob Button / Relay Relationships
ONLINE RESOURCES
• Latest News
• Data Guides
• Application Notes
• Knowledgebase
• Software Updates
If you have questions regarding any Linx product and have Internet access,
make www.linxtechnologies.com your first stop. Our website is organized in an
intuitive format to immediately give you the answers you need. Day or night, the
Linx website gives you instant access to the latest information regarding the
products and services of Linx. It’s all here: manual and software updates,
application notes, a comprehensive knowledgebase, FCC information, and much
more. Be sure to visit often!
www.antennafactor.com
The Antenna Factor division of Linx offers
a diverse array of antenna styles, many of
which are optimized for use with our RF
modules. From innovative embeddable
antennas to low-cost whips, domes to
Yagis, and even GPS, Antenna Factor
likely has an antenna for you, or can
design one to meet your requirements.
www.connectorcity.com
Through its Connector City division, Linx offers a wide
selection of high-quality RF connectors, including FCC-
compliant types such as RP-SMAs that are an ideal
match for our modules and antennas. Connector City
focuses on high-volume OEM requirements, which
allows standard and custom RF connectors to be offered
at a remarkably low cost.
®
www.linxtechnologies.com


Similar Part No. - FCTN-RLY4-315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
FCTN-RLY4-315-2 ETC2-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
logo
Linx Technologies
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
More results

Similar Description - FCTN-RLY4-315

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-RLY4-FFF-2 LINX-FCTN-RLY4-FFF-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
FCTN-WALL-315 ETC2-FCTN-WALL-315 Datasheet
486Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
logo
Linx Technologies
FCTN-WALL-315 LINX-FCTN-WALL-315 Datasheet
489Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
2011
logo
Littelfuse
03540507Z LITTELFUSE-03540507Z Datasheet
191Kb / 1P
   3-Position Micro Relay Module
logo
List of Unclassifed Man...
FCTN-DEC1-315 ETC2-FCTN-DEC1-315 Datasheet
145Kb / 5P
   OEM DECODER MODULE DATA GUIDE
logo
Sanyo Semicon Device
LC7815 SANYO-LC7815 Datasheet
333Kb / 8P
   2-Pole 4-Position Analog Function Switch
LC7816 SANYO-LC7816 Datasheet
293Kb / 7P
   2-Pole 4-Position Analog Function Switch
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com