Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTDA8024 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies UTDA8024 Datasheet HTML 10Page - Unisonic Technologies UTDA8024 Datasheet HTML 11Page - Unisonic Technologies UTDA8024 Datasheet HTML 12Page - Unisonic Technologies UTDA8024 Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 15
www.unisonic.com.tw
QW-R113-014.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOL=200µA
0
0.2
V
LOW-Level Output Voltage
VOL
IOL=20mA (Current Limit)
VCC-0.4
VCC
V
IOH=-200µA
0.9VCC
VCC
V
HIGH-Level Output Voltage
VOH
IOH=-20mA (Current Limit)
0
0.4
V
Rise Time
tr
CL=100pF, VCC=5 or 3V
0.1
µs
Fall Time
tf
CL=100pF, VCC=5 or 3V
0.1
µs
Clock output to card reader (pin CLK)
No Load
0
0.1
V
Output Voltage
Vo(inactive) Inactive Mode
Io(inactive)=1mA
0
0.3
V
Output Current
Io(inactive)
CLK Inactive, Pin Grounded
0
-1
mA
IOL=200µA
0
0.3
V
LOW-Level Output Voltage
VOL
IOL=70mA (Current Limit)
VCC-0.4
VCC
V
IOH=-200µA
0.9VCC
VCC
V
HIGH-Level Output Voltage
VOH
IOLH=-70mA (Current Limit)
0
0.4
V
Rise Time
tr
CL=30pF, Note 5
16
ns
Fall Time
tf
CL=30pF, Note 5
16
ns
Duty Factor (Except for fXTAL)
δ
CL=30pF, Note 5
45
55
%
Slew Rate
SR
Slew Up or Down, CL=30pF
0.2
V/ns
Control inputs (pins CLKDIV1, CLKDIV2, CMDVCC, RSTIN and 5V/3V) (Note 6)
LOW-Level Input Voltage
VIL
-0.3
+0.3VDD
V
HIGH-Level Input Voltage
VIH
0.7VDD
VDD+0.3
V
LOW-Level Input Leakage Current
LIL
I
0<VIL<VDD
1
µA
HIGH-Level Input Leakage Current
LIH
I
0<VIH<VDD
1
µA
Card presence inputs (pins PRES and PRES) (Note 7)
LOW-Level Input Voltage
VIL
-0.3
+0.3VDD
V
HIGH-Level Input Voltage
VIH
0.7VDD
VDD+0.3
V
LOW-Level Input Leakage Current
LIL
I
0<VIL<VDD
5
µA
HIGH-Level Input Leakage Current
LIH
I
0<VIH<VDD
5
µA
Interrupt output (pin OFF; NMOS drain with integrated 20kΩ pull-up resistor to VDD)
LOW-Level Output Voltage
VOL
IOL=2mA
0
0.3
V
HIGH-Level Output Voltage
VOH
IOH=-15µA
0.75VDD
V
Integrated Pull-Up Resistor
Rpu
20kΩ Pull-Up Resistor to VDD
16
20
24
kΩ
Protection and limitation
Shutdown and Limitation Current
pin VCC
)
sd
(
CC
I
130
150
mA
Limitation Current Pins I/O, AUX1
and AUX2
II/O(lim)
-15
+15
mA
Limitation Current Pin CLK
ICLK(lim)
-70
+70
mA
Limitation Current Pin RST
IRST(lim)
-20
+20
mA
Shut-Down Temperature
Tsd
150
°C
Timing
Activation Time
tact
see Fig.1
50
220
µs
Deactivation Time
tde
see Fig.3
50
80
100
µs
Start of the Window for Sending
CLK to the Card
t3
see Fig.1&2
50
130
µs
End of the Window for Sending
CLK to the Card
t5
see Fig.1&2
140
220
µs
Debounce Time Pins PRES
And PRES
tdebounce
see Fig.4
5
8
11
ms


Similar Part No. - UTDA8024

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTD10001001 TELEDYNE-UTD10001001 Datasheet
141Kb / 4P
   Analog Level Detectors 10 to 1000 MHz
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
   Threshold Detector 10 to 2000 MHz
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
   Threshold Detector 10 to 2000 MHz
logo
Unisonic Technologies
UTD20N03 UTC-UTD20N03 Datasheet
132Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER M OSFET
UTD20N03G-TN3-R UTC-UTD20N03G-TN3-R Datasheet
132Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER M OSFET
More results

Similar Description - UTDA8024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com