Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2803 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULN2803
Description  EIGHT DARLINGTON ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2803 Datasheet(HTML) 5 Page - Unisonic Technologies

  ULN2803_15 Datasheet HTML 1Page - Unisonic Technologies ULN2803_15 Datasheet HTML 2Page - Unisonic Technologies ULN2803_15 Datasheet HTML 3Page - Unisonic Technologies ULN2803_15 Datasheet HTML 4Page - Unisonic Technologies ULN2803_15 Datasheet HTML 5Page - Unisonic Technologies ULN2803_15 Datasheet HTML 6Page - Unisonic Technologies ULN2803_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ULN2803
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R113-004.G
TEST CIRCUIT
OPEN
ICEX
OPEN
VCE
VIN
1. ICEX
OPEN
IOUT
IIN
VCE, VCE (sat)
hFE =
IOUT
IIN
2. VCE (sat), hFE
OPEN
IIN (ON)
VIN
3. IIN (ON)
OPEN
OPEN
IOUT
4. IIN (OFF)
OPEN
IOUT
IIN
VCE
5. VIN (ON)
OPEN
6. IR
OPEN
IIN (OFF)
VIN (ON)
VR
IR
IF
7. VF
VF
OPEN
OPEN
8. tON, tOFF
RL
PULSE
GENERATOR
OPEN
VOUT
OUTPUT
INPUT
(Note 2)
(Note 1)
CL = 15pF
(Note 3)
VIH
0
VOH
VOL
tf
tr
90%
50%
10%
90%
10%
50%
tON
50μs
50%
50%
tOFF
INPUT
OUTPUT
Notes: 1. Pulse width 50
s, duty cycle 10%
Output impedance 50
, tr<=5ns, tf<=10ns
2. R1: 0, VIH: 3V
3. CL includes probe and jig capacitance.


Similar Part No. - ULN2803_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_18 Datasheet
301Kb / 6P
   EIGHT DARLINGTON ARRAYS
More results

Similar Description - ULN2803_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_18 Datasheet
301Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2804 UTC-ULN2804 Datasheet
189Kb / 5P
   EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
ULN2804 UTC-ULN2804_15 Datasheet
200Kb / 5P
   EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
   DARLINGTON ARRAYS
ULN2801A STMICROELECTRONICS-ULN2801A Datasheet
267Kb / 14P
   Eight Darlington array
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
   Eight Darlington array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com