Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA1538G-QM1-Y Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UA1538G-QM1-Y
Description  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1538G-QM1-Y Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UA1538G-QM1-Y Datasheet HTML 4Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 5Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 6Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 7Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 8Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 9Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 10Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 11Page - Unisonic Technologies UA1538G-QM1-Y Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
UA1538
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 21
www.unisonic.com.tw
QW-R109-023,C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
H-BRIDGE DRIVER PART
MUTE2 OFF Threshold Voltage
VM2OFF
IN2=1.8V
0.8
V
MUTE34 ON Threshold Voltage
VM34ON
IN3=IN4=1.8V
0.8
V
MUTE34 OFF Threshold Voltage
VM34OFF IN3=IN4=1.8V
2.0
V
VREF ON Threshold Voltage
VREFON
IN1=IN2=IN3=IN4=1.8V
1.2
V
VREF OFF Threshold Voltage
VREFOFF IN1=IN2=IN3=IN4=1.8V
0.8
V
BRAKE1 Brake Current
IBRAKE1
Current difference between BRAKE
pin "H" time and "L" time.
4
7
10
mA
PWM POWER SUPPLY DRIVING
PSW Sink Current
IPSW
IN1=2.1V
10
13
17
mA
HVCC Level Shift Voltage
VSHIF
IN1=1.8V, HVCC-OUT1F
0.35
0.45
0.55
V
HVCC Leak Current
IHLK
HVcc=9.0V, VSYS1=VSYS2=BATT=0V
0
5
μA
PWM Amp Transfer Gain
GPWM
IN1=1.8V, HVCC=1.2 ~ 1.4V
1/60
1/50
1/40
1/kΩ
DC-DC CONVERTER
Error Amp
VSYS1 Threshold Voltage
VS1TH
3.05
3.20
3.35
V
EO Pin Output Voltage "H"
VEOH
EI=0.7V, Io=-100µA
1.4
1.6
V
EO Pin Output Voltage "L"
VEOL
EI=1.3V, Io=100µA
0.3
V
SHORT CIRCUIT PROTECTION
SPRT Pin Voltage
VSPR
EI=1.3V
0
0.1
V
EO=H SPRT Pin Current1
ISPR1
EI=0.7V
6
10
16
μA
OFF=L SPRT Pin Current2
ISPR2
EI=1.3V, OFF=0V
12
20
32
μA
SPRT Pin Current3 Over-Voltage
ISPR3
EI=1.3V, BATT=9.5V
12
20
32
μA
SPRT Pin Impedance
RSPR
175
220
265
kΩ
SPRT Pin Threshold Voltage
VSPTH
EI=0.7V, CT=0V
1.10
1.20
1.30
V
Over-Voltage Protection Detect
VHVPR
BSEN Pin Voltage
7.5
9.0
V
TRANSISTOR DRIVING
SW Pin Output Voltage1 "H"
VSW1H
BATT=CT=1.5V, VSYS1=VSYS2=0V,
IO=-2mA Starting Time
0.78
0.98
1.13
V
SW Pin Output Voltage2 "H"
VSW2H
CT=0V, Io=-10mA,EI=0.7V, SPRT=0V 1.00
1.50
V
SW Pin Output Voltage2 "L"
VSW2L
CT=2.0V, Io=10mA
0.30
0.45
V
SW Pin Oscillating Frequency1
fSW1
CT=470pF, VSYS1=VSYS2=0V
Starting Time
65
80
95
kHz
SW Pin Oscillating Frequency2
fSW2
CT=470pF, CLK=0V
60
70
82
kHz
SW Pin Oscillating Frequency3
fSW3
CT=470pF
88.2
kHz
SW Pin Minimum Pulse Width
TSWMIN
CT=470pF, EO=0.5V→0.7V Sweep
0.01
0.60
μs
Pulse Duty Start
DSW1
CT=470pF,VSYS1=VSYS2=0V
40
50
60
%
Max. Pulse Duty At Self-Running
DSW2
CT=470pF, EI=0.7V, CLK=0V
70
80
90
%
Max. Pulse Duty At CLK
Synchronization
DSW3
CT=470pF, EI=0.7V
65
75
85
%


Similar Part No. - UA1538G-QM1-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA1538G-QM1-Y UTC-UA1538G-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results

Similar Description - UA1538G-QM1-Y

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com