Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1062NL-D16-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TEA1062NL-D16-T
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062NL-D16-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TEA1062NL-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 7Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 8Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 9Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 10Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 11Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 12Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 13Page - Unisonic Technologies TEA1062NL-D16-T Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 14
www.unisonic.com.tw
QW-R108-011.D
Fig.8 Supply arrangement
Fig.9 Typical current Ip available from Vcc peripheral circuitry with Vcc≧2.2V.
curve (a) is valid when the receiving amplifier is not driven or when MUTE =LOW (UTC TEA1062N is HIGH) .curve(b)
is valid when MUTE=HIGH(UTC TEA1062N is LOW) and the receiving amplifier is driven;
Vo(rms)=150mV,RL=150
.The supply possibilities can be increased simply by setting the voltage drop over the
circuit VLN to a high value by means of resistor RVA connected between REG and SLPE.
7
6
MIC+
MIC-
(1)
7
6
MIC+
MIC-
VEE
VCC
13
9
7
6
MIC-
MIC+
(a)
(b)
(c)
Fig. 10 Alternative microphone arrangement
(a) Magnetic or dynamic microphone. The resistor marked(1) may be connected to decrease the terminating
impedance.
(b) Electret microphone.
(c) Piezoelectric microphone.


Similar Part No. - TEA1062NL-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1062NL-D16-T UTC-TEA1062NL-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1062NL-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com