Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK6908-S08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # SK6908-S08-T
Description  SINGLE-PHASE DC-FAN MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6908-S08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  SK6908-S08-T Datasheet HTML 1Page - Unisonic Technologies SK6908-S08-T Datasheet HTML 2Page - Unisonic Technologies SK6908-S08-T Datasheet HTML 3Page - Unisonic Technologies SK6908-S08-T Datasheet HTML 4Page - Unisonic Technologies SK6908-S08-T Datasheet HTML 5Page - Unisonic Technologies SK6908-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SK6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R109-025.B
POWER DISSIPATION
Fig.-2
The maximum junctions temperature is 150°C in plastic packages, but for reasons of reliability, a lower number may
be mandated.
PT = TJ(MAX) – Ta (MAX) / θJA
PT = Total Power Dissipated by the Device
TJ (MAX) = Maximum Junction Temperature
Ta(MAX) = Maximum Ambient Temperature
θJA = 175°C/W
THERMAL SHUTDOWN (TSD)
Fig.-3
175℃
150℃
OUTPUT OFF
OUTPUT ON
TSD ON
TSD OFF
Junction Temperature (℃)
TSD ON ( Typ : 175℃ )
TSD OFF ( Typ : 150℃ )


Similar Part No. - SK6908-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908-S08-T UTC-SK6908-S08-T Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908-S08-T UTC-SK6908-S08-T Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
More results

Similar Description - SK6908-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
   Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
   Single-Phase Fan Motor Driver
April, 2014
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
   Single-phase FAN Motor Driver
November 2015 - Rev. 2
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com