Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK6908L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK6908L-S08-R
Description  SINGLE-PHASE DC-FAN MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6908L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK6908L-S08-R Datasheet HTML 1Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 2Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 3Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 4Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 5Page - Unisonic Technologies SK6908L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SK6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-025.B
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Supply Current
ICC
20
mA
Circuit Current
IO
600
mA
FG Output Current
IFG
20
mA
SOP-8
700
mW
Power Dissipation
(Derate at Ta=25
reduce 5.5mW/
℃℃
)
HSOP-8
PD
1000
mW
Output Voltage
VOUT
20
V
Hall Input Common Mode Voltage Range
VHIC
1.0 ~ Vcc-0.5
V
Operating Temperature
TOPR
-20 ~ +100(Note1)
Storage Temperature
TSTG
-55 ~ +150
Note 1.For operation in ambient temperatures above 25
,the driver device must be derated based on a 150
℃℃
maximum temperature
Note 2.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note 3.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+100℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃ , VCC=5V)
PARAMETER
SYMBO
L
CONDITIONS
MIN TYP MAX UNIT
In drive mode (CT=L)
8
mA
Current Drain
ICC
In lockup protection mode (CT=H )
4.1
mA
Lockup Detection Capacitor Charge Current
ICT1
V 1PIN = 1.1V
2
2.8
4
uA
Capacitor Discharge Current
ICT2
V 1PIN = 1.1V
0.3
0.5
0.8
uA
Capacitor Charge/Discharge Current Ratio
RCT
5.6
CT charge Voltage
VCT1
1.9
V
CT Discharge Voltage
VCT2
0.7
V
Output Low Level Voltage
VOL
IO=200mA
0.3
0.7
V
Output High Level Voltage
VOH
IO=200mA
3.9
4.1
V
Hall Input Sensitivity
VHIN
Zero peak value
(including offset and hysteresis)
3
15
mV
Hall Input-Output Gain
GHO
320
500
680
FG Output Pin Low Voltage
VFG
IFG=5mA
0.3
0.5
V
FG Output Pin Leakage Current
IFG(LEAK) VFG=15V
0
10
uA
HALL SINGLE INPUT-OUTPUT TRUTH VALUE TABLE
H+
H-
OUT1
OUT2
FG
H
L
H
L
H
L
H
L
H
L
* CT=0V


Similar Part No. - SK6908L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908L-S08-R UTC-SK6908L-S08-R Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908L-S08-R UTC-SK6908L-S08-R Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
More results

Similar Description - SK6908L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
   Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
   Single-Phase Fan Motor Driver
April, 2014
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
   Single-phase FAN Motor Driver
November 2015 - Rev. 2
logo
Unisonic Technologies
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
   2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
   2-PHASE DC-FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LV8860V SANYO-LV8860V Datasheet
260Kb / 11P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com