Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34118 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MC34118
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button MC34118_15 Datasheet HTML 3Page - Unisonic Technologies MC34118_15 Datasheet HTML 4Page - Unisonic Technologies MC34118_15 Datasheet HTML 5Page - Unisonic Technologies MC34118_15 Datasheet HTML 6Page - Unisonic Technologies MC34118_15 Datasheet HTML 7Page - Unisonic Technologies MC34118_15 Datasheet HTML 8Page - Unisonic Technologies MC34118_15 Datasheet HTML 9Page - Unisonic Technologies MC34118_15 Datasheet HTML 10Page - Unisonic Technologies MC34118_15 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 15
www.unisonic.com.tw
QW-R108-007.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Level Detectors And Background Noise Monitors
Transmit-Receive Switching
Threshold( Ratio of Current at RLI1+RLI2 to
20
A at TLI1+TLI2 to Switch from Tx to Rx)
ITH
0.8
1
1.2
Source Current at RLO1, RLO2, TLO1, TLO2
ILSO
-2
mA
Sink Current at RLO1, RLO2, TLO1, TLO2
ILSK
4
µA
CPR, CPT Output Resistance
RCP
IOUT =1.5mA
35
CPR, CPT Leakage Current
ICPLK
-0.2
µA
Filter
Voltage Offset at FO
FOVOS
VFO-VB, 220kΩ from VB to FI
-200
-90
0
mV
FO Sink Current
IFO
150
260
400
µA
FI Bias Current
IFI
-50
nA
SYSTEM Distortion (f=1kHz)
RX Mode
THDR
from FI to RXO,
FO connected to RXI
0.5
3
%
TX Mode
THD
from MCI to HTO-/HTO+,
includes TX attenuator
0.8
3
%
TEMPERATURE PARAMETERS
PARAMETER
TYP RATINGS (TA=25°С)
TYP CHANGE
UNIT
VCC Supply Current(CD=0.8V)
5mA
-0.3
%/°С
VCC Supply Current(CD=2V)
400µA
-0.4
%/°С
VB Output Voltage (VCC =5V)
2.1V
+0.8
%/°С
Attenuator Gain (Max Gain)
6
0.0008
dB/°С
Attenuator Gain (Max Attenuation)
-46dB
0.004
dB/°С
Attenuator Input resistance
10kΩ
0.6
%/°С
Dial Tone Detector Threshold
15mV
20
µV/°С
CT Source, Sink Current
±60µA
-0.15
%/°С
Microphone, Hybrid Amplifier Offset
0mV
±4
µV/°С
Transmit-Receive Switching Threshold
1
±0.02
%/°С
Sink Current at RLO1, RLO2, TLO1, TLO2
4µA
-10
nA/°С
Closed Loop Gain( HTO- to HTO+)
0dB
0.001
%/°С


Similar Part No. - MC34118_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118-D28-T UTC-MC34118-D28-T Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118-E28-T UTC-MC34118-E28-T Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118-S28-R UTC-MC34118-S28-R Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118-S28-T UTC-MC34118-S28-T Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118G-D28-T UTC-MC34118G-D28-T Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - MC34118_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com