Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR301 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # FR301
Description  3 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR301 Datasheet(HTML) 3 Page - Micro Commercial Components

  FR301 Datasheet HTML 1Page - Micro Commercial Components FR301 Datasheet HTML 2Page - Micro Commercial Components FR301 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR301 thru FR307
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
50
100
150
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
200
250
300
www.mccsemi.com
MCC


Similar Part No. - FR301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Jiangsu High diode Semi...
FR301 HDSEMI-FR301 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
FR301 LRC-FR301 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
First Silicon Co., Ltd
FR301 FS-FR301 Datasheet
132Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - FR301

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301 YFWDIODE-FR301 Datasheet
113Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR301 MCC-FR301_13 Datasheet
479Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_13 Datasheet
496Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301 MCC-FR301_11 Datasheet
456Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301-DO27 YFWDIODE-FR301-DO27 Datasheet
451Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP_17 Datasheet
237Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_11 Datasheet
473Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
UF5400 MCC-UF5400_11 Datasheet
187Kb / 4P
   3 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com