Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW40N65ES5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKW40N65ES5
Description  high Speed soft switching IGBT with full current rated RAPID 1 diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N65ES5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKW40N65ES5_15 Datasheet HTML 5Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 6Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 7Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 8Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 9Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 10Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 11Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 12Page - Infineon Technologies AG IKW40N65ES5_15 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
IKW40N65ES5
TRENCHSTOPTM5softswitchingIGBT
Rev.2.1,2015-09-22
Figure 5.
Typicaltransfercharacteristic
(VCE=20V)
VGE,GATE-EMITTERVOLTAGE[V]
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
Tvj = 25°C
Tvj = 150°C
Figure 6.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IC = 20A
IC = 40A
IC = 80A
Figure 7.
Typicalswitchingtimesasafunctionof
collectorcurrent
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,RGon=10
Ω,RGoff=10Ω,dynamic
test circuit in Figure E)
IC,COLLECTORCURRENT[A]
0
20
40
60
80
100
120
1
10
100
1000
td(off)
tf
td(on)
tr
Figure 8.
Typicalswitchingtimesasafunctionofgate
resistance
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,IC=40A,dynamictestcircuitin
Figure E)
RG,GATERESISTANCE[
Ω]
0
10
20
30
40
50
60
70
1
10
100
1000
td(off)
tf
td(on)
tr


Similar Part No. - IKW40N65ES5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65ET7 INFINEON-IKW40N65ET7 Datasheet
1Mb / 17P
   Low Loss Duopack: IGBT with Trench and Fieldstop technology
V2.2 2020-11-11
More results

Similar Description - IKW40N65ES5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N65ES5 INFINEON-IKW50N65ES5_15 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW30N65ES5 INFINEON-IKW30N65ES5_15 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ES5 INFINEON-IKW75N65ES5_15 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKFW75N65ES5 INFINEON-IKFW75N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-27
IKFW90N65ES5 INFINEON-IKFW90N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.2 2020-07-09
IKZ50N65ES5 INFINEON-IKZ50N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
IKZ75N65ES5 INFINEON-IKZ75N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
IKFW60N65ES5 INFINEON-IKFW60N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-09
IKFW50N65ES5 INFINEON-IKFW50N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-09
IKP28N65ES5 INFINEON-IKP28N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full rated current RAPID 1 fast and soft anti parallel diode
V2.1 2019-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com