Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN057-200B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN057-200B
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN057-200B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN057-200B_15 Datasheet HTML 3Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 4Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 5Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 6Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 7Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 8Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 9Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 10Page - NXP Semiconductors PSMN057-200B_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NXP Semiconductors
PSMN057-200B
N-channel TrenchMOS SiliconMAX standard level FET
PSMN057-200B
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
15 August 2013
8 / 11
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT404
sot404_po
06-03-16
13-02-25
Unit
mm
max
nom
min
4.5
4.1
1.40
1.27
1.45
1.05
0.64
0.46
11
1.6
1.2
A
Dimensions (mm are the original dimensions)
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A1
b
0.85
0.60
b2
c
D
D1
E
e
HD
Lp
Q
2.54
15.8
14.8
2.6
2.2
10.3
9.7
2.9
2.1
0
5 mm
scale
e
e
E
b
D1
HD
D
b2
Q
Lp
c
A1
A
1
3
2
mounting
base
Fig. 16. Package outline D2PAK (SOT404)


Similar Part No. - PSMN057-200B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B Datasheet
98Kb / 9P
   N-channel TrenchMOS transistor
December 2000 Rev 1.000
logo
Nexperia B.V. All right...
PSMN057-200B NEXPERIA-PSMN057-200B Datasheet
272Kb / 10P
   N-channel TrenchMOS SiliconMAX standard level FET
27 March 2023
More results

Similar Description - PSMN057-200B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN035-150B NXP-PSMN035-150B Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 November 2009
PSMN009-100P NXP-PSMN009-100P Datasheet
190Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-30 September 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com