Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN020-100YS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN020-100YS
Description  N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN020-100YS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN020-100YS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 12Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NXP Semiconductors
PSMN020-100YS
N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
PSMN020-100YS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
26 March 2014
9 / 14
003aad841
10
20
30
40
50
60
0
15
30
45
60
ID (A)
RDSon
(mΩ)
6.5
VGS (V) =
10
5.0
4.5
Fig. 14. Drain-source on-state resistance as a function
of drain current; typical values
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions
003aad842
0
2
4
6
8
10
0
12
24
36
48
QG (nC)
VGS
(V)
VDS = 50 V
80 V
20 V
Fig. 16. Gate-source voltage as a function of gate
charge; typical values
003aad839
10
102
103
104
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Crss
Coss
Fig. 17. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - PSMN020-100YS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
More results

Similar Description - PSMN020-100YS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
PSMN012-100YS PHILIPS-PSMN012-100YS_15 Datasheet
242Kb / 15P
   N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN012-100YS NXP-PSMN012-100YS Datasheet
242Kb / 15P
   N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN028-100YS NXP-PSMN028-100YS Datasheet
257Kb / 15P
   N-channel LFPAK 100V 27.5 m廓 standard level MOSFET
Rev. 02-30 March 2010
logo
Nexperia B.V. All right...
PSMN012-100YS NEXPERIA-PSMN012-100YS Datasheet
871Kb / 15P
   N-channel 100V 12mΩ standard level MOSFET in LFPAK
Rev. 04 - 23 February 2010
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
PSMN028-100YS NEXPERIA-PSMN028-100YS Datasheet
817Kb / 15P
   N-channel LFPAK 100V 27.5 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
logo
NXP Semiconductors
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
PSMN013-100BS PHILIPS-PSMN013-100BS_15 Datasheet
271Kb / 13P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com