Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R5-30YLD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN7R5-30YLD
Description  N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R5-30YLD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN7R5-30YLD_15 Datasheet HTML 2Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 9Page - NXP Semiconductors PSMN7R5-30YLD_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
PSMN7R5-30YLD
N-channel 30 V, 7.5 mΩ logic level MOSFET in LFPAK56 using
NextPowerS3 Technology
PSMN7R5-30YLD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
7 February 2014
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ΔVGS(th)/ΔT
gate-source threshold
voltage variation with
temperature
25 °C < Tj < 150 °C
-
-3.8
-
mV/K
VDS = 24 V; VGS = 0 V; Tj = 25 °C
-
-
1
µA
IDSS
drain leakage current
VDS = 24 V; VGS = 0 V; Tj = 125 °C
-
0.23
-
µA
VGS = 16 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -16 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
VGS = 4.5 V; ID = 10 A; Tj = 25 °C;
Fig. 10
-
8.1
10.2
VGS = 4.5 V; ID = 10 A; Tj = 150 °C;
Fig. 11; Fig. 10
-
-
16.9
VGS = 10 V; ID = 15 A; Tj = 25 °C;
Fig. 10
-
6.1
7.5
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 15 A; Tj = 150 °C;
Fig. 11; Fig. 10
-
-
12.4
RG
gate resistance
f = 1 MHz
-
0.25
-
Ω
Dynamic characteristics
ID = 15 A; VDS = 15 V; VGS = 10 V;
Fig. 12; Fig. 13
-
11.3
-
nC
ID = 15 A; VDS = 15 V; VGS = 4.5 V;
Fig. 12; Fig. 13
-
5.5
-
nC
QG(tot)
total gate charge
ID = 0 A; VDS = 0 V; VGS = 10 V; Fig. 13
-
10.2
-
nC
QGS
gate-source charge
-
1.97
-
nC
QGS(th)
pre-threshold gate-
source charge
-
1.14
-
nC
QGS(th-pl)
post-threshold gate-
source charge
-
0.83
-
nC
QGD
gate-drain charge
ID = 15 A; VDS = 15 V; VGS = 4.5 V;
Fig. 12; Fig. 13
-
1.7
-
nC
VGS(pl)
gate-source plateau
voltage
ID = 15 A; VDS = 15 V; Fig. 12; Fig. 13
-
2.9
-
V
Ciss
input capacitance
-
655
-
pF
Coss
output capacitance
-
578
-
pF
Crss
reverse transfer
capacitance
VDS = 15 V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; Fig. 14
-
50
-
pF
td(on)
turn-on delay time
-
7.1
-
ns
tr
rise time
-
10.4
-
ns
td(off)
turn-off delay time
-
8.5
-
ns
tf
fall time
VDS = 15 V; RL = 1 Ω; VGS = 4.5 V;
RG(ext) = 5 Ω
-
5.5
-
ns


Similar Part No. - PSMN7R5-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R5-30YLD NEXPERIA-PSMN7R5-30YLD Datasheet
726Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
More results

Similar Description - PSMN7R5-30YLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R5-30YLD NEXPERIA-PSMN7R5-30YLD Datasheet
726Kb / 13P
   N-channel 30 V, 7.5 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R4-30YLD NEXPERIA-PSMN2R4-30YLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN6R1-30YLD NEXPERIA-PSMN6R1-30YLD Datasheet
757Kb / 13P
   N-channel 30 V, 6.1 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN1R4-30YLD NEXPERIA-PSMN1R4-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 1.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN1R0-30YLD PHILIPS-PSMN1R0-30YLD_15 Datasheet
243Kb / 13P
   N-channel 30 V, 1.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
19 September 2014
PSMN2R4-30YLD PHILIPS-PSMN2R4-30YLD_15 Datasheet
289Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
7 February 2014
PSMN1R2-30YLD PHILIPS-PSMN1R2-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 1.2 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
30 May 2014
PSMN2R0-30YLD PHILIPS-PSMN2R0-30YLD_15 Datasheet
239Kb / 13P
   N-channel 30 V, 2.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
11 December 2014
logo
Nexperia B.V. All right...
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN6R0-30YLD PHILIPS-PSMN6R0-30YLD_15 Datasheet
332Kb / 13P
   N-channel 30 V, 6.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
10 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com