Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R0-100PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN7R0-100PS
Description  N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R0-100PS Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN7R0-100PS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-100PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NXP Semiconductors
PSMN7R0-100PS
N-channel 100V 6.8 mΩ standard level MOSFET in TO220.
PSMN7R0-100PS
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
17 October 2013
5 / 14
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
vertical in free air
-
60
-
K/W
003aad560
10-4
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
10
tp (s)
Zth (j-mb)
(K/W)
single shot
0.02
0.05
0.1
0.2
δ = 0.5
tp
T
P
t
tp
T
δ =
Fig. 4. Transient thermal impedance from junction to mounting base as a function of pulse duration
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 0.25 mA; VGS = 0 V; Tj = -55 °C
90
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 0.25 mA; VGS = 0 V; Tj = 25 °C
100
-
-
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 10
1
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 11; Fig. 10
2
3
4
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 10
-
-
4.6
V
VDS = 100 V; VGS = 0 V; Tj = 125 °C
-
-
150
µA
IDSS
drain leakage current
VDS = 100 V; VGS = 0 V; Tj = 25 °C
-
0.08
5
µA
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
10
100
nA
VGS = 10 V; ID = 15 A; Tj = 100 °C;
Fig. 12
-
-
12
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 15 A; Tj = 175 °C;
Fig. 12
-
15
19


Similar Part No. - PSMN7R0-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-100PS NXP-PSMN7R0-100PS Datasheet
252Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN7R0-100PS NEXPERIA-PSMN7R0-100PS Datasheet
745Kb / 14P
   N-channel 100V 6.8 mΩ standard level MOSFET in TO220.
17 October 2013
More results

Similar Description - PSMN7R0-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-100PS NXP-PSMN7R0-100PS Datasheet
252Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN7R0-100PS NEXPERIA-PSMN7R0-100PS Datasheet
745Kb / 14P
   N-channel 100V 6.8 mΩ standard level MOSFET in TO220.
17 October 2013
logo
NXP Semiconductors
PSMN016-100PS NXP-PSMN016-100PS Datasheet
245Kb / 15P
   N-channel 100V 16 m廓 standard level MOSFET in TO220
Rev. 01-1 March 2010
PSMN027-100PS NXP-PSMN027-100PS Datasheet
248Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
PSMN7R0-100ES NXP-PSMN7R0-100ES Datasheet
251Kb / 15P
   N-channel 100V 6.8 m廓 standard level MOSFET in I2PAK.
Rev. 03-23 February 2010
PSMN7R0-100BS NXP-PSMN7R0-100BS Datasheet
229Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012
PSMN013-100PS NXP-PSMN013-100PS Datasheet
177Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220.
Rev. 02-22 January 2010
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
logo
Nexperia B.V. All right...
PSMN7R0-100XS NEXPERIA-PSMN7R0-100XS Datasheet
362Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN013-100PS NEXPERIA-PSMN013-100PS Datasheet
739Kb / 14P
   N-channel 100V 13.9mΩ standard level MOSFET in TO220.
10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com