Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGCM15F60HA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IGCM15F60HA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGCM15F60HA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IGCM15F60HA Datasheet HTML 5Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 6Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 7Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 8Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 9Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 10Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 11Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 12Page - Infineon Technologies AG IGCM15F60HA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CIPOS™ IGCM15F60HA
Datasheet
9
Ver. 1.7, 2014-06-01
Static Parameters
(VDD = 15V and TJ = 25°C, if not stated otherwise)
Description
Condition
Symbol
Value
Unit
min
typ
max
Collector-Emitter saturation voltage
Iout = 10A
TJ = 25°C
150°C
VCE(sat)
-
-
1.6
1.8
2.0
-
V
Emitter-Collector forward voltage
Iout = -10A
TJ = 25°C
150°C
VF
-
-
1.75
1.8
2.2
V
Collector-Emitter leakage current
VCE = 600V
ICES
-
-
1
mA
Logic "1" input voltage (LIN,HIN)
VIH
-
2.1
2.5
V
Logic "0" input voltage (LIN,HIN)
VIL
0.7
0.9
-
V
ITRIP positive going threshold
VIT,TH+
400
470
540
mV
ITRIP input hysteresis
VIT,HYS
40
70
-
mV
VDD and VBS supply under voltage
positive going threshold
VDDUV+
VBSUV+
10.8
12.1
13.0
V
VDD and VBS supply under voltage
negative going threshold
VDDUV-
VBSUV-
9.5
10.4
11.2
V
VDD and VBS supply under voltage
lockout hysteresis
VDDUVH
VBSUVH
1.0
1.7
-
V
Input clamp voltage
(HIN, LIN, ITRIP)
Iin = 4mA
VINCLAMP
9.0
10.1
12.5
V
Quiescent VBx supply current
(VBx only)
HIN = 0V
IQBS
-
300
500
µA
Quiescent VDD supply current
(VDD only)
LIN = 0V, HINX=5V
IQDD
-
370
900
µA
Input bias current
VIN = 5V
IIN+
-
1
1.5
mA
Input bias current
VIN = 0V
IIN-
-
2
-
µA
ITRIP input bias current
VITRIP = 5V
IITRIP+
-
65
150
µA
VFO input bias current
VFO = 5V, VITRIP = 0V
IFO
-
2
-
nA
VFO output voltage
IFO = 10mA, VITRIP = 1V
VFO
-
0.5
-
V


Similar Part No. - IGCM15F60HA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGCM15F60HA INFINEON-IGCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.9 2016-08-01
More results

Similar Description - IGCM15F60HA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com