Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESKBT809-S Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # ESKBT809-S
Description  Applicable for automotive interior light
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ESKBT809-S Datasheet(HTML) 2 Page - Seoul Semiconductor

  ESKBT809-S Datasheet HTML 1Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 2Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 3Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 4Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 5Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 6Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 7Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 8Page - Seoul Semiconductor ESKBT809-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
ESKBT809-S
– 809 Series Sky Blue
2
Rev2.0, Sep 22, 2015
 Table of Contents 는 Product Brief 다음 장에 위치
Table of Contents
Index
Product Brief
1
Table of Contents
2
Performance Characteristics
3
Characteristics Graph
5
Color Bin Structure
12
Reliability Test
15
Mechanical Dimensions
16
Material Structure
17
Recommended Solder Pad
18
Reflow Soldering Characteristics
19
Emitter Tape & Reel Packaging
20
Product Nomenclature
22
Handling of Silicone Resin for LEDs
23
Precaution For Use
24
Company Information
27


Similar Part No. - ESKBT809-S

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK KEMET-ESK Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ESK105M050AC3AA KEMET-ESK105M050AC3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 85C, ESK, 1 uF, 20%, 50 V, -40/85C, Lead Spacing = 2mm
ESK105M063AC3AA KEMET-ESK105M063AC3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 85C, ESK, 1 uF, 20%, 63 V, -40/85C, Lead Spacing = 2mm
ESK105M100AC3AA KEMET-ESK105M100AC3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 85C, ESK, 1 uF, 20%, 100 V, -40/85C, Lead Spacing = 2mm
ESK105M100AC3FA KEMET-ESK105M100AC3FA Datasheet
125Kb / 1P
   ESK, Aluminum Electrolytic, 85C, 1 uF, 20%, 100 V, -40/85C, Lead Spacing = 2.5mm
More results

Similar Description - ESKBT809-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
   Applicable for automotive interior light
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
   Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
   Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
   Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
   Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
   Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
   Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
   Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
   Applicable for automotive interior light
ELWT801-S02 SEOUL-ELWT801-S02 Datasheet
908Kb / 26P
   Applicable for automotive interior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com