Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMV75UP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMV75UP
Description  20 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV75UP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMV75UP_15 Datasheet HTML 5Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 6Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 7Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 8Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 9Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 10Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 11Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 12Page - NXP Semiconductors PMV75UP_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMV75UP
20 V, P-channel Trench MOSFET
PMV75UP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
25 April 2014
9 / 15
aaa-012267
QG (nC)
0
6
4
2
-2
-3
-1
-4
-5
VGS
(V)
0
ID = -2.8 A; VDS = -10 V; Tamb = 25 °C
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions
VSD (V)
0
-1.4
-1.2
-0.4
-0.8
017aaa540
-2
-1
-3
-4
IS
(A)
0
Tj = 25 °C
Tj = 150 °C
VGS = 0 V
Fig. 16. Source current as a function of source-drain voltage; typical values


Similar Part No. - PMV75UP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV75UP NEXPERIA-PMV75UP Datasheet
738Kb / 15P
   20 V, P-channel Trench MOSFET
More results

Similar Description - PMV75UP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com