Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6502MA Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6502MA
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA Datasheet(HTML) 4 Page - Texas Instruments

  LMH6502MA Datasheet HTML 1Page - Texas Instruments LMH6502MA Datasheet HTML 2Page - Texas Instruments LMH6502MA Datasheet HTML 3Page - Texas Instruments LMH6502MA Datasheet HTML 4Page - Texas Instruments LMH6502MA Datasheet HTML 5Page - Texas Instruments LMH6502MA Datasheet HTML 6Page - Texas Instruments LMH6502MA Datasheet HTML 7Page - Texas Instruments LMH6502MA Datasheet HTML 8Page - Texas Instruments LMH6502MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(2)
Max(2)
Units
DP
Differential Phase
f = 4.43MHz, RL = 150Ω, Neg.
0.10
deg
Sync
DC & Miscellaneous Performance
GACCU
Gain Accuracy (See Application
VG = 2.0V
0.0
+0.6
dB
Information)
1V < VG < 2V
+0.6/
−0.3
+3.1/
−3.6
G Match
Gain Matching (See Application
VG = 2.0V
±0.6
dB
Information)
1 < VG < 2V
+2.8/
−3.9
K
Gain Multiplier (See Application
1.61
1.72
1.84
V/V
Information)
1.58
1.91
VCM
Input Voltage Range
Pin 3 & 6 Common Mode,
±2.0
±2.2
V
|CMRR| > 55dB(5)
±1.70
VIN_DIFF
Differential Input Voltage
Between pins 3 & 6
±0.3
±0.39
V
±0.12
I RG_MAX
RG Current
Pins 4 & 5
±1.70
±2.22
mA
±1.56
IBIAS
Bias Current
Pins 3 & 6(6)
9
18
20
µA
Pins 3 & 6(6),
2.5
5
VS = ±2.5V
6
TC IBIAS
Bias Current Drift
Pin 3 & 6(7)
100
nA/°C
I OFF
Offset Current
Pin 3 & 6
0.01
2.0
µA
3.6
TC IOFF
Offset Current Drift
See(7)
5
nA/°C
RIN
Input Resistance
Pin 3 & 6
750
k
CIN
Input Capacitance
Pin 3 & 6
5
pF
IVG
VG Bias Current
Pin 2, VG = 0V
(6)
−300
µA
TC IVG
VG Bias Drift
Pin 2(7)
20
nA/°C
R VG
VG Input Resistance
Pin 2
10
k
C VG
VG Input Capacitance
Pin 2
1.3
pF
VOUT
Output Voltage Range
RL = 100Ω
±3.00
±3.20
±2.95
V
RL = Open
±3.95
±4.00
±3.82
ROUT
Output Impedance
DC
0.1
IOUT
Output Current
VOUT = ±4V from Rails
±80
±90
mA
±75
VO OFFSET
Output Offset Voltage
0V < VG < 2V
±80
±300
mV
±380
+PSRR
+Power Supply Rejection Ratio(8)
Input Referred, 1V change,
−69
−47
dB
VG = 2.2V
−45
−PSRR
−Power Supply Rejection Ratio(8)
Input Referred, 1V change,
−58
−41
dB
VG = 2.2V
−40
CMRR
Common Mode Rejection Ratio(5)
Input Referred,VG = 2V
−72
dB
−1.8V < VCM < 1.8V
IS
Supply Current
No Load
27
38
41
mA
VS = ±2.5V, RL= Open
9.3
16
19
(5)
CMRR definition: [|
ΔVOUT/ΔVCM| / AV] with 0.1V differential input voltage.
(6)
Positive current corresponds to current flowing in the device.
(7)
Drift determined by dividing the change in parameter distribution average at temperature extremes by the total temperature change.
(8)
+PSRR definition: [|
ΔVOUT/ΔV
+| / A
V], −PSRR definition: [|ΔVOUT/ΔV
| / A
V] with 0.1V differential input voltage.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502


Similar Part No. - LMH6502MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502MA NSC-LMH6502MA Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MAX NSC-LMH6502MAX Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Similar Description - LMH6502MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com