Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5689 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC5689
Description  16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5689 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5689_15 Datasheet HTML 1Page - Texas Instruments DAC5689_15 Datasheet HTML 2Page - Texas Instruments DAC5689_15 Datasheet HTML 3Page - Texas Instruments DAC5689_15 Datasheet HTML 4Page - Texas Instruments DAC5689_15 Datasheet HTML 5Page - Texas Instruments DAC5689_15 Datasheet HTML 6Page - Texas Instruments DAC5689_15 Datasheet HTML 7Page - Texas Instruments DAC5689_15 Datasheet HTML 8Page - Texas Instruments DAC5689_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
DAC5689
www.ti.com
SLLS989A – SEPTEMBER 2009 – REVISED AUGUST 2010
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
51, 54, 55,
AVDD
I
Analog supply voltage. (3.3V)
59, 62
BIASJ
57
O
Full-scale output current bias. For 20mA full-scale output current, connect a 960
Ω resistor to GND.
CLK2
2
I
Positive DAC clock input. Accepts frequencies up to 800MHz.
CLK2C
3
I
Complementary CLK2 input.
In Dual Clock Mode can be used to provide the lower frequency input clock. The lower frequency
clock can be differential or single-ended. If single-ended CLK1 can be used as the clock input.
CLKO_CLK1
25
I/O
CLK1C must be AC coupled to GND in this case. Optionally provides (CLKO) output for data bus
source. Internal pull-down.
In Dual Clock Mode can be used to provide the lower frequency input clock. The lower frequency
clock can be differential or single-ended. If differential, CLK1C is the complementary clock input. If
CLK1C
26
I/O
single-ended it can be used as the clock input. CLKO_CLK1 must be AC coupled to GND in this
case. Internal pull-down.
Internal clock buffer supply voltage. (1.8V)
CLKVDD
1
I
It is recommended to isolate this supply from DVDD.
A-Channel Data Bits 0 through 15.
DA15 is most significant data bit (MSB) – pin 7
DA[15..0]
7, 8, 11–24
I
DA0 is least significant data bit (LSB) – pin 24
Internal pull-down. The order of bus can be reversed via CONFIG4 reva bit.
B-Channel Data Bits 0 through 15.
DB15 is most significant data bit (MSB) – pin 43
40–43,
DB[15..0]
I
27–38
DB0 is least significant data bit (LSB) – pin 27
Internal pull-down. The order of bus can be reversed via CONFIG4 revb bit.
Digital supply voltage. (1.8V)
10, 39, 50,
DVDD
I
63
For best performance it is recommended to isolate pins 10 and 39 from all other 1.8V supplies.
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to
EXTIO
56
I/O
AVDD). Used as internal reference output when EXTLO = GND, requires a 0.1mF decoupling
capacitor to GND when used as reference output
EXTLO
58
O
Connect to GND for internal reference, or AVDD for external reference.
4,
Pin 4 and the Thermal Pad located on the bottom of the QFN package is ground for AVDD, DVDD
GND
I
Thermal
and IOVDD supplies.
Pad
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a
full scale current sink and the least positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data
IOUTA1
52
O
input results in a 0 mA current sink and the most positive voltage on the IOUTA1 pin. In single DAC
mode, outputs appear on the IOUTA1/A2 pair only.
A-Channel DAC complementary current output. The IOUTA2 has the opposite behavior of the
IOUTA2
53
O
IOUTA1 described above. An input data value of 0x0000 results in a 0mA sink and the most positive
voltage on the IOUTA2 pin.
IOUTB1
61
O
B-Channel DAC current output. Refer to IOUTA1 description above.
IOUTB2
60
O
B-Channel DAC complementary current output. Refer to IOUTA2 description above.
3.3V supply voltage for all digital I/O. Note: This supply input should remain at 3.3V regardless of the
IOVDD
9
I
1.8V or 3.3V selectable digital input switching thresholds via CONFIG26 io_1p8_3p3.
NC
64
I
No connect. Leave open for proper operation.
SYNC
5
I
Optional SYNC input for internal clock dividers, FIFO, NCO and QMC blocks. Internal pull-down.
RESETB
49
I
Resets the chip when low. Internal pull-up.
SCLK
47
I
Serial interface clock. Internal pull-down.
SDENB
48
I
Active low serial data enable, always an input to the DAC5689. Internal pull-up.
Bi-directional serial data in 3-pin mode (default). In 4-pin interface mode (CONFIG5 sif4), the SDIO
SDIO
46
I/O
pin is an input only. Internal pull-down.
Uni-directional serial interface data in 4-pin mode (CONFIG5 sif4). The SDO pin is 3-stated in 3-pin
SDO
45
O
interface mode (default). Internal pull-down.
Transmit enable input. Internal pull-down. TXENABLE must be high for the DATA to the DAC to be
TXENABLE
6
I
enabled. When TXENABLE is low, the digital logic section is forced to all 0, and any input data is
ignored.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5689


Similar Part No. - DAC5689_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5689IRGCR TI-DAC5689IRGCR Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689IRGCT TI-DAC5689IRGCT Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5689_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com