Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5681 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC5681
Description  16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5681_15 Datasheet HTML 1Page - Texas Instruments DAC5681_15 Datasheet HTML 2Page - Texas Instruments DAC5681_15 Datasheet HTML 3Page - Texas Instruments DAC5681_15 Datasheet HTML 4Page - Texas Instruments DAC5681_15 Datasheet HTML 5Page - Texas Instruments DAC5681_15 Datasheet HTML 6Page - Texas Instruments DAC5681_15 Datasheet HTML 7Page - Texas Instruments DAC5681_15 Datasheet HTML 8Page - Texas Instruments DAC5681_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DAC5681
SLLS864C – AUGUST 2007 – REVISED AUGUST 2012
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
LVDS positive input clock. Unlike the other LVDS inputs, the DCLKP/N pair is self-biased to approximately
DVDD/2 and does not have an internal termination resistor in order to optimize operation of the DLL circuit.
See the “DLL Operation” section. For proper external termination, connect a 100
Ω resistor across LVDS
DCLKP
25
I
clock source lines followed by series 0.01
μF capacitors connected to each of DCLKP and DCLKN pins
(see Figure 17). For best performance, the resistor and capacitors should be placed as close as possible to
these pins.
DCLKN
26
I
LVDS negative input clock. (See the DCLKP description)
10, 39, 50,
Digital supply voltage. (1.8 V)
DVDD
I
63
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to AVDD).
EXTIO
56
I/O
Used as 1.2V internal reference output when EXTLO = GND, requires a 0.1
μF decoupling capacitor to
AGND when used as reference output.
EXTLO
58
O
Connect to GND for internal reference, or AVDD for external reference.
4, Thermal
Pin 4 and the Thermal Pad located on the bottom of the QFN package is ground for AVDD, DVDD and
GND
I
Pad
IOVDD supplies.
DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full scale current
IOUTA1
52
O
sink and the least positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data input results in a 0 mA
current sink and the most positive voltage on the IOUTA1 pin.
DAC complementary current output. The IOUTA2 has the opposite behavior of the IOUTA1 described
IOUTA2
53
O
above. An input data value of 0x0000 results in a 0mA sink and the most positive voltage on the IOUTA2
pin.
IOVDD
9
I
Digital I/O supply voltage (3.3V) for pins RESETB, SCLK, SDENB, SDIO, SDO.
NC
64
I
No Connect. Leave open for proper operation.
RESETB
49
I
Resets the chip when low. Internal pull-up.
SCLK
47
I
Serial interface clock. Internal pull-down.
SDENB
48
I
Active low serial data enable, always an input to the DAC5681. Internal pull-up.
Bi-directional serial interface data in 3-pin mode (default). In 4-pin interface mode (CONFIG5 sif4), the
SDIO
46
I/O
SDIO pin is an input only. Internal pull-down.
Uni-directional serial interface data in 4-pin mode (CONFIG5 sif4). The SDO pin is in high-impedance state
SDO
45
O
in 3-pin interface mode (default), but can optionally be used as a status output pin via CONFIG14
SDO_func_sel(2:0). Internal pull-down.
LVDS SYNC positive input data. The SYNCP/N LVDS pair has an internal 100
Ω termination resistor. By
SYNCP
5
I
default, the SYNCP/N input must be logic ‘1’ to enable a DAC analog output. See the LVDS SYNCP/N
Operation paragraph for a detailed description.
SYNCN
6
I
LVDS SYNC negative input data.
Digital supply voltage. (1.8V) Connect to DVDD pins for normal operation. This supply pin is also used
VFUSE
44
I
for factory fuse programming.
4
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: DAC5681


Similar Part No. - DAC5681_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681IRGCR TI-DAC5681IRGCR Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681IRGCT TI-DAC5681IRGCT Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5681_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com