Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR106 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFR106
Description  NPN 5 GHz wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFR106 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFR106_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR106_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR106
DESCRIPTION
NPN silicon planar epitaxial transistor
in a plastic SOT23 envelope. It is
primarily intended for low noise,
general RF applications.
PINNING
PIN
DESCRIPTION
Code: R7p
1
base
2
emitter
3
collector
Fig.1 SOT23.
age
MSB003
Top view
12
3
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
15
V
IC
DC collector current
−−
100
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−−
500
mW
hFE
DC current gain
IC = 50 mA; VCE =9 V; Tamb =25 °C25
80
fT
transition frequency
IC = 50 mA; VCE = 9 V; f = 500 MHz;
Tamb =25 °C
5
GHz
GUM
maximum unilateral power gain
IC = 30 mA; VCE = 6 V; f = 800 MHz;
Tamb =25 °C
11.5
dB
Vo
output voltage
IC = 50 mA; VCE = 9 V; RL =75 Ω;
Tamb =25 °C; dim = −60 dB;
f(p+q−r) = 793.25 MHz
350
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
3V
IC
DC collector current
100
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
500
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
175
°C


Similar Part No. - BFR106_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106_10 Datasheet
523Kb / 9P
   NPN Silicon RF Transistor
2010-12-03
BFR106 INFINEON-BFR106_13 Datasheet
622Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
More results

Similar Description - BFR106_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com