Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR93AW Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFR93AW
Description  NPN 5 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFR93AW Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFR93AW_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR93AW_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1995 Sep 18
8
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AW
Fig.13 Common emitter noise figure circles; typical values.
f = 1 GHz; VCE = 8 V; IC = 10 mA; Zo =50 Ω.
handbook, full pagewidth
MGC880
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
1
0.5
1
2
5
2
1
5
180 o
2
5
0.5
0.5
0.2
0.2
F = 2.5 dB
F = 3 dB
F = 4 dB
0.2
opt
Γ
F
= 2 dB
min
0
G = 13 dB
ms
Γ
G
= 13.8 dB
max
G = 12 dB
G = 11 dB
f = 2 GHz; VCE = 8 V; IC = 10 mA; Zo =50 Ω.
Fig.14 Common emitter noise figure circles; typical values.
handbook, full pagewidth
MGC881
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
45 o
90 o
135 o
1
0.5
1
2
5
2
1
5
180 o
2
5
0.5
0.2
0.2
(4)
(3)
(2)
(5)
(6)
(7)
(8)
(1)
0.2
0
0.5
(1)
Γopt; Fmin = 3 dB.
(2) F = 3.5 dB.
(3) F = 4 dB.
(4) F = 5 dB.
(5)
Γms;Gmax = 8.1 dB.
(6) G = 7 dB.
(7) G = 6 dB.
(8) G = 5 dB.


Similar Part No. - BFR93AW_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR93AW INFINEON-BFR93AW_14 Datasheet
675Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
More results

Similar Description - BFR93AW_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com