Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3482 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC3482
Description  DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3482 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3482_15 Datasheet HTML 6Page - Texas Instruments DAC3482_15 Datasheet HTML 7Page - Texas Instruments DAC3482_15 Datasheet HTML 8Page - Texas Instruments DAC3482_15 Datasheet HTML 9Page - Texas Instruments DAC3482_15 Datasheet HTML 10Page - Texas Instruments DAC3482_15 Datasheet HTML 11Page - Texas Instruments DAC3482_15 Datasheet HTML 12Page - Texas Instruments DAC3482_15 Datasheet HTML 13Page - Texas Instruments DAC3482_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
DAC3482
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
ZAY Package Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
D10, E11, F11,
AVDD
G11, H11, J11,
I
Analog supply voltage (3.3 V)
K11, L10
CMOS output for ALARM condition. The ALARM output functionality is defined through the
ALARM
N12
O
config7 register. Default polarity is active low, but can be changed to active high via config0
alarm_out_pol control bit.
Full-scale output current bias. For 30-mA full-scale output current, connect 1.28 k
Ω to ground.
BIASJ
H12
O
Change the full-scale output current through coarse_dac(3:0) in config3, bit<15:12>.
Internal clock buffer supply voltage. (1.2 V)
CLKVDD
C12
I
It is recommended to isolate this supply from DIGVDD and DACVDD.
LVDS positive input data bits 0 through 15. Internal 100-
Ω termination resistor. Data format
relative to DATACLKP/N clock is Double Data Rate (DDR).
N4, N3, N2, N1,
M2, L2, K2, J2,
D15P is most significant data bit (MSB)
D[15..0]P
I
F2, E2, D2, C2,
D0P is least significant data bit (LSB)
A1, A2, A3, A4
The order of the bus can be reversed via config2 revbus bit.
P4, P3, P2, P1,
M1, L1, K1, J1,
D[15..0]N
I
LVDS negative input data bits 0 through 15. (See D[15:0]P description above.)
F1, E1, D1, C1,
B1, B2, B3, B4
DACCLKP
A12
I
Positive external LVPECL clock input for DAC core with a self-bias.
Complementary external LVPECL clock input for DAC core. (see the DACCLKP description
DACCLKN
A11
I
above.)
D9, E9, E10, F10,
DAC core supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DACVDD
G10, H10, J10,
I
DIGVDD.
K9, K10, L9
LVDS positive input data clock. Internal 100-
Ω termination resistor. Input data D[15:0]P/N is
DATACLKP
G2
I
latched on both edges of DATACLKP/N (Double Data Rate).
DATACLKN
G1
I
LVDS negative input data clock. (See DATACLKP description above.)
E5, E6, E7, F5,
Digital supply voltage. (1.2 V). It is recommended to isolate this supply from CLKVDD and
DIGVDD
I
J5, K5, K6, K7
DACVDD.
Used as external reference input when internal reference is disabled through config27 extref_ena
EXTIO
G12
I/O
= 1b. Used as internal reference output when config27 extref_ena = 0b (default). Requires a 0.1-
μF decoupling capacitor to AGND when used as reference output.
LVDS frame indicator positive input. Internal 100-
Ω termination resistor.
The main functions of this input are to reset the FIFO pointer or to be used as a syncing source.
These two functions are captured with the rising edge of DATACLKP/N. The signal captured by
FRAMEP
H2
I
the falling edge of DATACLKP/N can be used as a block parity bit. The FRAMEP/N signal should
be edge-aligned with D[15:0]P/N.
Additionally it is used to indicate the beginning of the frame.
FRAMEN
H1
I
LVDS frame indicator negative input. (See the FRAMEP description above.)
A10, A13, A14,
B10, B11, B12,
B13, B14, C5, C6,
C7, C8, C9, C10,
C13, C14, D8,
D13, D14, E8,
E12, E13, F6, F7,
F8, F9, F12, F13,
G6, G7, G8, G9,
GND
G13, G14, H6,
I
These pins are ground for all supplies.
H7, H8, H9, H13,
H14, J6, J7, J8,
J9, J12, J13, K8,
K13, L8, L13,
L14, M5, M6, M7,
M8, M9, M10,
M11, M12, M13,
M14, N13, N14,
P13, P14
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC3482


Similar Part No. - DAC3482_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com