Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR92AW Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFR92AW
Description  NPN 5 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFR92AW Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFR92AW_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR92AW_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1995 Sep 18
11
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92AW
PACKAGE OUTLINE
Fig.19 SOT323.
Dimensions in mm.
handbook, full pagewidth
0.25
0.10
B
0.2
0.2
A
A
M
M
12
3
0.65
1.3
2.2
1.8
0.40
0.30
B
1.35
1.15
2.2
2.0
detail X
X
1.1
max
0.1
0.0
1.0
0.8
0.3
0.1
0.2
MBC871


Similar Part No. - BFR92AW_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR92AW-GS08 VISHAY-BFR92AW-GS08 Datasheet
218Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 29-Apr-05
BFR92AW-GS08 VISHAY-BFR92AW-GS08 Datasheet
261Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
logo
Quanzhou Jinmei Electro...
BFR92AW_2015 JMNIC-BFR92AW_2015 Datasheet
80Kb / 12P
   NPN 5 GHz wideband transistor
More results

Similar Description - BFR92AW_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com