Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG540W Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG540W
Description  NPN 9 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG540W Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG540W_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG540W_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 May 23
6
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG540W
BFG540W/X; BFG540W/XR
f = 900 MHz; VCE =8V.
Fig.7
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
50
MLC045
10
20
30
40
gain
(dB)
I
(mA)
C
MSG
GUM
G max
f = 2 GHz; VCE =8V.
Fig.8
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
50
MLC046
10
20
30
40
gain
(dB)
I
(mA)
C
GUM
G max
IC = 10 mA; VCE =8V.
Fig.9
Gain as a function of frequency; typical
values.
handbook, halfpage
50
0
10
MLC047
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
G UM
G max
MSG
Fig.10 Gain as a function of frequency; typical
values.
IC = 40 mA; VCE =8V.
handbook, halfpage
50
0
10
MLC048
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
G UM
G max
MSG


Similar Part No. - BFG540W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540W-X NXP-BFG540W-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG540W-XR NXP-BFG540W-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG540W/X PHILIPS-BFG540W/X Datasheet
132Kb / 16P
   NPN 9 GHz wideband transistor
2000 May 23
BFG540W/X PHILIPS-BFG540W/X Datasheet
162Kb / 16P
   NPN 9 GHz wideband transistor
1997 Dec 04
BFG540W/XR PHILIPS-BFG540W/XR Datasheet
132Kb / 16P
   NPN 9 GHz wideband transistor
2000 May 23
More results

Similar Description - BFG540W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com