Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7823IRTARG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTARG4
Description  ANALOG MONITORING AND CONTROL CIRCUIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTARG4 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7823IRTARG4 Datasheet HTML 1Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 2Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 3Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 4Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 5Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 6Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 7Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 8Page - Texas Instruments AMC7823IRTARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
DESCRIPTION (CONTINUED)
The AMC7823 has an internal programmable reference (+2.5V or +1.25V), and an SPI serial interface. An
external reference can be used as well. Typical power dissipation is 100mW. The analog input range is 0V to
+5V, and the analog output range is 0V to +2.5V or 0V to +5V. The AMC7823 is ideal for multichannel
applications where low power and small size are critical. The AMC7823 is available in a 40-lead QFN package
and is fully specified over the –40°C to +85°C temperature range.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(DESIGNATOR)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
AMC7823
AMC7823IRTAT
Tape and Reel, 250
AMC7823
QFN-40 (RTA)
–40°C to +85°C
AMC7823
AMC7823IRTAR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
AMC7823
UNIT
AVDD, DVDD, BVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to BVDD + 0.3
V
Analog input voltage to GND
–0.3 to AVDD + 0.3
V
Input current, continuous
±20
mA
Input current, momentary
±100
mA
Operating temperature range
–40 to +105
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA) / θJA
W
θJC
15
°C/W
Thermal impedance
θJA
60
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823


Similar Part No. - AMC7823IRTARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823IRTAR TI-AMC7823IRTAR Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
More results

Similar Description - AMC7823IRTARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com