Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7823 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC7823
Description  ANALOG MONITORING AND CONTROL CIRCUIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7823_15 Datasheet HTML 6Page - Texas Instruments AMC7823_15 Datasheet HTML 7Page - Texas Instruments AMC7823_15 Datasheet HTML 8Page - Texas Instruments AMC7823_15 Datasheet HTML 9Page - Texas Instruments AMC7823_15 Datasheet HTML 10Page - Texas Instruments AMC7823_15 Datasheet HTML 11Page - Texas Instruments AMC7823_15 Datasheet HTML 12Page - Texas Instruments AMC7823_15 Datasheet HTML 13Page - Texas Instruments AMC7823_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
TIMING CHARACTERISTICS: +5V
At –40°C to +85°C, AVDD = DVDD = 5V, and BVDD = 5V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
42
ns
twsck
SCLK high or low time
21
ns
tLead
SS enable lead time
21
ns
tLag
SS enable lag time
21
ns
ttd
Sequential transfer delay
42
ns
tsu
Data setup time
0
ns
thi
Data hold time (inputs)
21
ns
tho
Data hold time (outputs)
0
ns
tA
Slave access time
21
ns
tdis
Slave MISO disable time
21
ns
tv
Data valid
10
ns
tr
Rise time
30
ns
tf
Fall time
30
ns
tWLDAC
ELDAC width
210
ns
tCONVERT
CONVERT width
210
ns
TIMING CHARACTERISTICS: +3V
At –40°C to +85°C, AVDD = DVDD = 3V, and BVDD = 3V, unless otherwise noted.
(1)
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
84
ns
twsck
SCLK high or low time
42
ns
tLead
SS enable lead time
42
ns
tLag
SS enable lag time
42
ns
ttd
Sequential transfer delay
84
ns
tsu
Data setup time
0
ns
thi
Data hold time (inputs)
42
ns
tho
Data hold time (outputs)
0
ns
tA
Slave access time
42
ns
tdis
Slave MISO disable time
42
ns
tv
Data valid
10
ns
tr
Rise time
30
ns
tf
Fall time
30
ns
tWLDAC
ELDAC width
420
ns
tCONVERT
CONVERT width
420
ns
(1)
For AVDD = DVDD = 5V, BVDD = 3V, refer to the specification shown in this table.
10
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823


Similar Part No. - AMC7823_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823IRTAR TI-AMC7823IRTAR Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823IRTAT TI-AMC7823IRTAT Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
More results

Similar Description - AMC7823_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com