Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V2267L-D08-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # V2267L-D08-T
Description  DUAL VIDEO 6dB AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267L-D08-T Datasheet(HTML) 9 Page - Unisonic Technologies

  V2267L-D08-T Datasheet HTML 1Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 2Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 3Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 4Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 5Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 6Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 7Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 8Page - Unisonic Technologies V2267L-D08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
V2267
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R124-006.D
TYPICAL CHARACTERISTICS(Cont.)
Load, RL (Ω)
Differential Gain vs. RL
(Ta = 25°С, VCC = 5V, 1Vp-p staircase signal input)
40
60
100
-6
0
2
80
-4
-2
90
70
50
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - V2267L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
V2267L-D08-T UTC-V2267L-D08-T Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
More results

Similar Description - V2267L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
SG Micro Corp
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
   6dB Video Driver
logo
Unisonic Technologies
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
SG Micro Corp
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com