Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CONSMA003.062 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA003.062
Description  SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA003.062 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA003.062 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA FEMALE EDGE MOUNT
FOR 0.062" THICK BOARD
RECOMMENDED FOOTPRINT
0.16
0.06
0.10
0.10
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA003.062
1.0
INCHES (mm)
8/18/2006
0.157
(4.00)
BACK VIEW
0.240
(6.10)
Ø0.311
(7.90)
0.141
(3.58)
0.180
(4.58)
0.067
(1.70)
Ø0.049
(1.25)
0.445
(11.40)
0.242
(6.30)
0.152
(3.90)
0.047
(1.20)
1/4-36UNS-2A
THREADS
SIDE VIEW
0.152
(3.90)
0.041 (1.05)
0.041 (1.05)
0.049 (1.25)
0.054 (1.38)
0.054 (1.38)
TOP VIEW


Similar Part No. - CONSMA003.062

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA003.062-G LINX-CONSMA003.062-G Datasheet
363Kb / 3P
   SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONSMA003.062-L ETC2-CONSMA003.062-L Datasheet
163Kb / 1P
   SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD, EXTENDED
logo
Linx Technologies
CONSMA003.062-L-G LINX-CONSMA003.062-L-G Datasheet
402Kb / 3P
   SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD, EXTENDED
21/JAN/19
More results

Similar Description - CONSMA003.062

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA003.062-G LINX-CONSMA003.062-G Datasheet
363Kb / 3P
   SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONSMA006.062 ETC2-CONSMA006.062 Datasheet
207Kb / 1P
   SMA FEMALE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
logo
Linx Technologies
CONSMA006.062-G LINX-CONSMA006.062-G Datasheet
411Kb / 3P
   SMA FEMALE EDGE MULTI-MOUNT FOR 0.062" THICK BOARD
21/JAN/19
CONSMA003.062-L-G LINX-CONSMA003.062-L-G Datasheet
402Kb / 3P
   SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD, EXTENDED
21/JAN/19
logo
List of Unclassifed Man...
CONSMA003.062-L ETC2-CONSMA003.062-L Datasheet
163Kb / 1P
   SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD, EXTENDED
logo
Linx Technologies
CONREVSMA003.062-G LINX-CONREVSMA003.062-G Datasheet
355Kb / 3P
   RP-SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA003.062-L ETC2-CONREVSMA003.062-L Datasheet
163Kb / 1P
   RP-SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD, EXTENDED
logo
Linx Technologies
CONREVSMA006.062-G LINX-CONREVSMA006.062-G Datasheet
403Kb / 3P
   RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA006.062 ETC2-CONREVSMA006.062 Datasheet
208Kb / 1P
   RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
CONSMA013.062 ETC2-CONSMA013.062 Datasheet
225Kb / 1P
   SMA MALE EDGE MOUNT FOR 0.062 THICK BOARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com