Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH8105G-G03-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH8105G-G03-K
Description  Hall Effect Micro Switch IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8105G-G03-K Datasheet(HTML) 3 Page - Unisonic Technologies

  UH8105G-G03-K Datasheet HTML 1Page - Unisonic Technologies UH8105G-G03-K Datasheet HTML 2Page - Unisonic Technologies UH8105G-G03-K Datasheet HTML 3Page - Unisonic Technologies UH8105G-G03-K Datasheet HTML 4Page - Unisonic Technologies UH8105G-G03-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UH8105
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-874.E
ABSOLUTE MAXIMUM RATING (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Magnetic Flux Density
B
Unlimited
mT
Supply Voltage
VDD
5.5
V
Output Current
IO
1
mA
Power Dissipation
SIP-3
PD
400
mW
SOT-23
200
mW
Maximum Junction Temp
TJ
150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
A=25°C)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
-
5.5
V
Ambient Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C, VDD=3V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VDD
Operating
2.5
5.5
V
Supply Current
IDD
Average
5
10
uA
Awake
1.2
2
mA
Sleep
2
8
uA
Output Leakage Current
IOFF
Vout = 5.5V, BRPN<B<BRPS
1
uA
Output Low Voltage
VOL
ISINK = 1mA
20
40
mV
Output High Voltage
VOH
VOUT-0.4V
V
Wake up Time
tAWAKE
60
uS
Period
tPERIOD
60
mS
Duty cycle
d.c.
0.1
%
MAGNETIC CHARACTERISTICS (T
A=25°C, VDD=3V, 1mT=10Gauss)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operation Points
BOPS
15
30
45
Gauss
BOPN
-45
-30
-15
Release Points
BRPS
10
20
40
BRPN
-40
-20
-10
Hysteresis
Bhys
10


Similar Part No. - UH8105G-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105G-G03-K UTC-UH8105G-G03-K Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
UH8105G-G03-K UTC-UH8105G-G03-K Datasheet
138Kb / 5P
   HALL EFFECT MICRO SWITCH IC
More results

Similar Description - UH8105G-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com