Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CND2047-DAG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CND2047-DAG
Description  9GHz Frequency Divider by 4 Fixed Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2047-DAG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CND2047-DAG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CND2047-DAG_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CND2047-DAG
RoHS COMPLIANT
Ref. : DSCND2047-DAG7087 - 28 Mar 07
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
GaAs Monolithic Microwave IC
Description
The CND2047 is a low power consumption
very high speed divider by 4 GaAs
prescaler manufactured with a 0.7µm self
aligned implanted MESFET process.
The design is full differential input/output
that allows direct drive into 50
Ω load.
The CND2047 is available in a low cost
SOIC8 RoHS compliant plastic package.
Main Features
Very broad operating frequency range
Low power dissipation: 300mW
Single supply operation: 3V to 5V
Low phase noise: -139dBc/Hz at 1KHz
SOIC8 plastic package
Main Characteristics
Tamb= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Vdd
Drain voltage
3
5
6
V
Pdiss
Power dissipation
120
300
400
mW
Fmax
Maximum input frequency
8
9
GHz
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!


Similar Part No. - CND2047-DAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results

Similar Description - CND2047-DAG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047 UMS-CND2047 Datasheet
149Kb / 10P
   10GHz Frequency Divider by 4 Fixed Modulus Prescaler
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8789 ETC1-SP8789 Datasheet
25Kb / 1P
   225MHz Frequency Divider Divided by 20/21 TWO MODULUS DIVIDER
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
   5GHZ/ 2 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
   5GHZ 48 Fixed Modulus Divider
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com